Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB571 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSB571
Description  Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB571 Datasheet(HTML) 3 Page - STMicroelectronics

  TSB571 Datasheet HTML 1Page - STMicroelectronics TSB571 Datasheet HTML 2Page - STMicroelectronics TSB571 Datasheet HTML 3Page - STMicroelectronics TSB571 Datasheet HTML 4Page - STMicroelectronics TSB571 Datasheet HTML 5Page - STMicroelectronics TSB571 Datasheet HTML 6Page - STMicroelectronics TSB571 Datasheet HTML 7Page - STMicroelectronics TSB571 Datasheet HTML 8Page - STMicroelectronics TSB571 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Figure 2. Pin connections for each package (top view)
Out1
In1-
In1+
VCC-
VCC+
Out2
In2-
In2+
Out1
In1-
In1+
VCC-
VCC+
Out2
In2-
In2+
SO8
MiniSO8
Out1
In1-
In1+
VCC-
VCC+
Out2
In2-
In2+
DFN8 (3 x 3)
1
2
3
4
8
7
6
5
(1)
1.
Exposed pad can be left floating or connected to ground.
Table 2. Pin description (miniSO8/SO8/DFN8)
Pin
Pin name
Description
1
OUT1
Output channel 1
2
IN1-
Inverting input channel 1
3
IN1+
Non-inverting input channel 1
4
VCC-
Negative supply voltage
5
IN2+
Non-inverting input channel 2
6
IN2-
Inverting input channel 2
7
OUT2
Output channel 2
8
VCC+
Positive supply voltage
TSB571, TSB572
Package pin connections
DS11248 - Rev 7
page 3/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com