Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB571 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSB571
Description  Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB571 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSB571 Datasheet HTML 15Page - STMicroelectronics TSB571 Datasheet HTML 16Page - STMicroelectronics TSB571 Datasheet HTML 17Page - STMicroelectronics TSB571 Datasheet HTML 18Page - STMicroelectronics TSB571 Datasheet HTML 19Page - STMicroelectronics TSB571 Datasheet HTML 20Page - STMicroelectronics TSB571 Datasheet HTML 21Page - STMicroelectronics TSB571 Datasheet HTML 22Page - STMicroelectronics TSB571 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
∆Vio
Viodrift
month s
(
)
=
Where Vio drift is the measured drift value in the specified test conditions after 1000 h stress duration.
4.6
Capacitive load
Driving large capacitive loads can cause stability problems. Increasing the load capacitance produces gain
peaking in the frequency response, with overshoot and ringing in the step response. It is usually considered that
with a gain peaking higher than 2.3 dB an op amp might become unstable.
Generally, unity gain configuration is the worst situation for stability and the ability to drive large capacitive loads.
Figure 38. Stability criteria with a serial resistor at different supply voltages shows the serial resistor that must be
added to the output, to make a system stable. Figure 39. Test configuration for Riso shows the test configuration
using an isolation resistor, Riso.
Figure 37. Stability criteria with a serial resistor at different supply voltages
10
2
10
3
10
4
10
5
10
6
0.1
1
10
100
@Vcc=4V
@Vcc=12V
@Vcc=36V
Stable
Vcc=36V
Vicm=18V
follower
configuration
T=25°C
Capacitive load (pF)
Unstable
Figure 38. Test configuration for Riso
Cload
VIN
+
-
VCC+
Riso
10 kΩ
VCC-
VOUT
4.7
PCB layout recommendations
Particular attention must be paid to the layout of the PCB tracks connected to the amplifier, load, and power
supply. The power and ground traces are critical as they must provide adequate energy and grounding for all
circuits. The best practice is to use short and wide PCB traces to minimize voltage drops and parasitic
inductance.
In addition, to minimizing parasitic impedance over the entire surface, a multi-via technique that connects the
bottom and top layer ground planes together in many locations is often used.
The copper traces that connect the output pins to the load and supply pins should be as wide as possible to
minimize trace resistance.
TSB571, TSB572
Capacitive load
DS11248 - Rev 7
page 19/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com