Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB571 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSB571
Description  Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB571 Datasheet(HTML) 1 Page - STMicroelectronics

  TSB571 Datasheet HTML 1Page - STMicroelectronics TSB571 Datasheet HTML 2Page - STMicroelectronics TSB571 Datasheet HTML 3Page - STMicroelectronics TSB571 Datasheet HTML 4Page - STMicroelectronics TSB571 Datasheet HTML 5Page - STMicroelectronics TSB571 Datasheet HTML 6Page - STMicroelectronics TSB571 Datasheet HTML 7Page - STMicroelectronics TSB571 Datasheet HTML 8Page - STMicroelectronics TSB571 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
DFN8 (3x3 mm)
SO8
MiniSO8
TSB572
TSB571
SOT23-5
Features
•
Low-power consumption: 380 µA typ.
•
Wide supply voltage: 4 V - 36 V
•
Rail-to-rail input and output
•
Gain bandwidth product: 2.5 MHz
•
Low input bias current: 30 nA max.
•
No phase reversal
•
High tolerance to ESD: 4 kV HBM
•
Extended temperature range: -40 °C to 125 °C
•
Automotive grade
•
Small SMD packages
•
40 V BiCMOS technology
•
Enhanced stability vs. capacitive load
Applications
•
Active filtering
•
Audio systems
•
Automotive
•
Power supplies
•
Industrial
•
Low/high side current sensing
Description
The TSB571 (single) and TSB572 (dual) operational amplifiers offer an extended
voltage operating range from 4 V to 36 V and rail-to-rail input/output.
The TSB571 and TSB572 give a very good speed/power consumption ratio with a
2.5 MHz gain bandwidth product and a consumption of 380 µA typically only at 36 V
supply voltage.
Stability and robustness of these devices make them an ideal solution for a wide
voltage range of applications.
Maturity status link
TSB571, TSB572
Related products
TSB611
For below 100 µA
solution
TSB711
For a higher precision
TSB712
Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
TSB571, TSB572
Datasheet
DS11248 - Rev 7 - May 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSB571

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSB571 STMICROELECTRONICS-TSB571 Datasheet
1Mb / 35P
Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
01-Dec-2022
More results

Similar Description - TSB571

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4627-1 AD-ADA4627-1 Datasheet
626Kb / 16P
36 V, 19 MHz, Low Noise, Low Bias Current, JFET Operational Amplifier
REV. A
logo
Texas Instruments
OPA170-EP TI1-OPA170-EP Datasheet
1Mb / 20P
36-V, SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TSB572 STMICROELECTRONICS-TSB572 Datasheet
2Mb / 27P
Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
17-Dec-2015
TSB611 STMICROELECTRONICS-TSB611 Datasheet
1Mb / 24P
Low-power, rail-to-rail output, 36 V operational amplifier
17-Aug-2015
logo
Texas Instruments
OPA196 TI1-OPA196 Datasheet
3Mb / 47P
36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier
OPA828 TI1-OPA828 Datasheet
370Kb / 22P
Low-Offset, Low-Drift, Low-Noise, 50-MHz, 36-V JFET-Input Operational Amplifier
OPA2210 TI1-OPA2210 Datasheet
562Kb / 23P
2.2-nV/?숰z, Precision, Low-Power, 36-V Operational Amplifier
OPA2210 TI1-OPA2210_V01 Datasheet
1Mb / 32P
OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
OPA2210 TI1-OPA2210_V02 Datasheet
1Mb / 36P
OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
logo
STMicroelectronics
TSB621 STMICROELECTRONICS-TSB621 Datasheet
1Mb / 35P
Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
01-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com