Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB571 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSB571
Description  Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB571 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSB571 Datasheet HTML 13Page - STMicroelectronics TSB571 Datasheet HTML 14Page - STMicroelectronics TSB571 Datasheet HTML 15Page - STMicroelectronics TSB571 Datasheet HTML 16Page - STMicroelectronics TSB571 Datasheet HTML 17Page - STMicroelectronics TSB571 Datasheet HTML 18Page - STMicroelectronics TSB571 Datasheet HTML 19Page - STMicroelectronics TSB571 Datasheet HTML 20Page - STMicroelectronics TSB571 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
4
Application information
4.1
Operating voltages
The TSB571 and TSB572 can operate from 4 V to 36 V. The parameters are fully specified for 4 V, 12 V, and 36 V
power supplies. However, the parameters are stable in the full VCC range. Additionally, the main specifications are
guaranteed in extended temperature ranges from -40 to 125 °C.
4.2
Input pin voltage ranges
The TSB571 and TSB572 have an internal ESD diode protection on the inputs. These diodes are connected
between the inputs and each supply rail to protect the input transistors from electrical discharge.
If the input pin voltage exceeds the power supply by 0.2 V, the ESD diodes become conductive and excessive
current can flow through them. Without limitation this over current can damage the device.
In this case, it is important to limit the current to 10 mA, by adding resistance on the input pin, as shown in
Figure 37. Input current limitation.
Figure 36. Input current limitation
Vin
R
16 V
Vout
+
+
-
-
4.3
Rail-to-rail input
The TSB571 and TSB572 have rail-to-rail inputs. The input common mode range is extended from (VCC -) - 0.1 V
to (VCC+) + 0.1 V at T = 25 °C.
4.4
Input offset voltage drift over temperature
The maximum input voltage drift variation over temperature is defined as the offset variation related to the offset
value measured at 25 °C. The operational amplifier is one of the main circuits of the signal conditioning chain, and
the amplifier input offset is a major contributor to the chain accuracy. The signal chain accuracy at 25 °C can be
compensated during production at application level. The maximum input voltage drift over temperature enables
the system designer to anticipate the effect of temperature variations.
The maximum input voltage drift over temperature is computed using Equation 1.
Equation 1
∆Vio
∆T
max
Vio T
( ) V
io 25
(
)
–
T 25 °C
–
=
°C
where T = -40 °C and 125 °C.
The TSB571 and TSB572 datasheet maximum value is guaranteed by measurements on a representative sample
size ensuring a Cpk (process capability index) greater than 1.3.
TSB571, TSB572
Application information
DS11248 - Rev 7
page 17/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com