Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB571 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSB571
Description  Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB571 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSB571 Datasheet HTML 8Page - STMicroelectronics TSB571 Datasheet HTML 9Page - STMicroelectronics TSB571 Datasheet HTML 10Page - STMicroelectronics TSB571 Datasheet HTML 11Page - STMicroelectronics TSB571 Datasheet HTML 12Page - STMicroelectronics TSB571 Datasheet HTML 13Page - STMicroelectronics TSB571 Datasheet HTML 14Page - STMicroelectronics TSB571 Datasheet HTML 15Page - STMicroelectronics TSB571 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Figure 9. Input offset voltage vs. supply voltage
4
8
12
16
20
24
28
32
36
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
T=25°C
T=-40°C
T=125°C
Vicm=Vcc/2
Supply voltage (V)
Figure 10. Input offset voltage vs. common-mode voltage
at VCC = 4 V
Figure 11. Input offset voltage vs. common-mode voltage
at VCC = 36 V
Figure 12. Input bias current vs. temperature at
VICM = VCC/2
-40
-20
0
20
40
60
80
100
120
-10
-8
-6
-4
-2
0
Vicm=Vcc/2
Vcc=36V
Vcc=12V
Vcc=4V
Temperature (°C)
Figure 13. Input bias current vs. common-mode voltage at
VCC = 36 V
0
5
10
15
20
25
30
35
-60
-40
-20
0
20
40
60
Vcc=36V
T=125°C
T=25°C
T=-40°C
Input Common Mode Voltage (V)
Figure 14. Output current vs. output voltage at VCC = 4 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-50
-40
-30
-20
-10
0
10
20
30
40
50
-40
-20
0
20
40
Source
Vid=1V
Sink
Vid=-1V
T=-40°C
T=25°C
T=125°C
Vcc=4V
Output Voltage (V)
TSB571, TSB572
Electrical characteristics
DS11248 - Rev 7
page 12/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com