Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1423 Datasheet (PDF) - Renesas Technology Corp

F1423 Datasheet PDF - Renesas Technology Corp
Part # F1423
Download  F1423 Download
File Size   4830.85 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description TX Differential Input RF Amplifier 600 MHz to 3000 MHz

F1423 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1423 Datasheet PDF - Renesas Technology Corp

Part # F1423
Download  F1423 Click to download

File Size   4830.85 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description TX Differential Input RF Amplifier 600 MHz to 3000 MHz

F1423 Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - F1423

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1423 IDT-F1423 Datasheet
2Mb / 26P
TX Differential Input RF Amplifier
F1423NBGI IDT-F1423NBGI Datasheet
2Mb / 26P
TX Differential Input RF Amplifier
More results


Similar Description - F1423

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NMA2415-A2T MICRONETICS-NMA2415-A2T Datasheet
318Kb / 2P
Legacy 30 MHz to 3000 MHz
NMA2415-B1T MICRONETICS-NMA2415-B1T Datasheet
166Kb / 2P
Legacy 30 MHz to 3000 MHz
NMA2415-B2T MICRONETICS-NMA2415-B2T Datasheet
357Kb / 2P
Legacy 30 MHz to 3000 MHz
NMA2415-A2S MICRONETICS-NMA2415-A2S Datasheet
201Kb / 2P
Legacy 30 MHz to 3000 MHz
logo
KR Electronics, Inc.
3192-2 KR-3192-2 Datasheet
99Kb / 3P
100 MHz to 3000 MHz Bandpass
logo
Integrated Device Techn...
F1423 IDT-F1423 Datasheet
2Mb / 26P
TX Differential Input RF Amplifier
F2970 IDT-F2970 Datasheet
2Mb / 20P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
logo
Teledyne Technologies I...
A2C3110 TELEDYNE-A2C3110 Datasheet
94Kb / 1P
10 TO 3000 MHz SMA CASCADED AMPLIFIER
AC3033 TELEDYNE-AC3033 Datasheet
176Kb / 2P
1000 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Renesas Technology Corp
F2970 RENESAS-F2970 Datasheet
3Mb / 21P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com