Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2913EVBI Datasheet (PDF) - Renesas Technology Corp

F2913EVBI Datasheet PDF - Renesas Technology Corp
Part # F2913EVBI
Download  F2913EVBI Download
File Size   1249.49 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Isolation SP2T RF Switch 50MHz to 6000MHz

F2913EVBI Datasheet (PDF)

Go To PDF Page Download Datasheet
F2913EVBI Datasheet PDF - Renesas Technology Corp

Part # F2913EVBI
Download  F2913EVBI Click to download

File Size   1249.49 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Isolation SP2T RF Switch 50MHz to 6000MHz

F2913EVBI Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - F2913EVBI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2913EVBI RENESAS-F2913EVBI Datasheet
1Mb / 18P
High Isolation SP2T RF Switch 50MHz to 6000MHz
February 8, 2023
More results


Similar Description - F2913EVBI

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
50MHz to 6000MHz, Digital Step Attenuator
logo
Integrated Device Techn...
F2932 IDT-F2932 Datasheet
2Mb / 20P
High Reliability SP2T RF Switch
logo
Mini-Circuits
HSWA2-63DR MINI-HSWA2-63DR Datasheet
312Kb / 5P
SP2T RF Switch
logo
BeRex Corporation
BSW6421 BEREX-BSW6421 Datasheet
1Mb / 13P
5MHz-6000MHz High Isolation Reflective SPDT RF switch
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
Voltage Variable RF Attenuator 50MHz to 6000MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
logo
STMicroelectronics
SBB3089Z STMICROELECTRONICS-SBB3089Z Datasheet
860Kb / 9P
50MHz to 6000MHz Gain Block
08-Jun-2021
logo
Renesas Technology Corp
F2912 RENESAS-F2912_V01 Datasheet
2Mb / 25P
High Reliability SP2T RF Switch
Sep 20, 2021
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
ISL71934M RENESAS-ISL71934M Datasheet
2Mb / 17P
Radiation Tolerant SP2T RF Switch, 50MHz to 6000MHz
Feb 24, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com