Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6513EVS Datasheet (PDF) - Renesas Technology Corp

F6513EVS Datasheet PDF - Renesas Technology Corp
Part # F6513EVS
Download  F6513EVS Download
File Size   132.36 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Ch Tx Active Beamforming IC 13.75 ??17.3 GHz

F6513EVS Datasheet (PDF)

Go To PDF Page Download Datasheet
F6513EVS Datasheet PDF - Renesas Technology Corp

Part # F6513EVS
Download  F6513EVS Click to download

File Size   132.36 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Ch Tx Active Beamforming IC 13.75 ??17.3 GHz

F6513EVS Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - F6513EVS

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F6501 ITF-F6501 Datasheet
183Kb / 8P
SAW Bandpass Filter F6501
logo
Integrated Device Techn...
F6501 IDT-F6501 Datasheet
284Kb / 2P
Ku-Band SATCOM Transmitter IC
F6501AVGK IDT-F6501AVGK Datasheet
284Kb / 2P
Ku-Band SATCOM Transmitter IC
F6501AVGK8 IDT-F6501AVGK8 Datasheet
284Kb / 2P
Ku-Band SATCOM Transmitter IC
F6501EVB IDT-F6501EVB Datasheet
284Kb / 2P
Ku-Band SATCOM Transmitter IC
More results


Similar Description - F6513EVS

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIC1314-8 EXCELICS-EIC1314-8 Datasheet
216Kb / 4P
13.75-14.5 GHz 8-Watt Internally Matched Power FET
logo
Renesas Technology Corp
F6121 RENESAS-F6121 Datasheet
251Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7 ??12.75 GHz
F6521 RENESAS-F6521 Datasheet
131Kb / 3P
8-Ch Tx Active Beamforming IC 13.75 ??14.5 GHz
F6522 RENESAS-F6522 Datasheet
131Kb / 3P
8-Ch Tx Active Beamforming IC 27.5 ??31.0 GHz
F6923 RENESAS-F6923 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
F6121 RENESAS-F6121_V01 Datasheet
189Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7–12.75 GHz
May 26, 2021
F6122 RENESAS-F6122 Datasheet
244Kb / 3P
Dual-beam Rx Active Beamforming IC 17.7GHz – 21.2GHz
Nov 16, 2021
F6123 RENESAS-F6123 Datasheet
257Kb / 3P
Dual-beam Rx Active Beamforming IC 14.4 – 17.3 GHz
June 4, 2020
F6212 RENESAS-F6212 Datasheet
261Kb / 3P
Dual-Beam Rx Active Beamforming IC 17.7 – 21.2 GHz
June 4, 2020
logo
Peregrine Semiconductor
PE188200 PSEMI-PE188200 Datasheet
105Kb / 2P
8-channel Beamforming Front End, 26.5–29.5 GHz
12/2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com