Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6640 Datasheet (PDF) - STMicroelectronics

VD6640 Datasheet PDF - STMicroelectronics
Part # VD6640
Download  VD6640 Download
File Size   1754.75 Kbytes
Page   126 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 1.3 megapixel high-dynamic range image sensor

VD6640 Datasheet (PDF)

Go To PDF Page Download Datasheet
VD6640 Datasheet PDF - STMicroelectronics

Part # VD6640
Download  VD6640 Click to download

File Size   1754.75 Kbytes
Page   126 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 1.3 megapixel high-dynamic range image sensor

VD6640 Datasheet (HTML) - STMicroelectronics


VD6640 Product details

Description
This is a high performance, high dynamic range 1.3 megapixel image sensor. Designed for automotive, security and other demanding outdoor applications, the device offers supreme low light performance and numerous safety integrity features. An embedded Bayer and monochrome data preprocessor integrates a wide range of image enhancement functions, designed to ensure high image quality. An advanced synchronization facility allows stereo and multi-camera systems to work synchronously, minimizing system latency and motion temporal mismatch artifacts.

Features
■ AEC-Q100 qualified
■ 1.3 megapixel resolution sensor (1304 x 980) in 1/2.7 inch optical format
■ High dynamic range (HDR) pixel architecture, up to 132 dB dynamic range
■ Best in class FSI high pixel sensitivity with 3.75 µm pixel size
■ 45 frames per second at full resolution, 60 frames per second at 720p resolution
■ Small physical size: 9.0 mm x 9.3 mm Im2BGA
■ Synchronization for multiple cameras
■ Highly configurable HDR image pre-processing
■ Motion and Flicker tolerant HDR options including flicker flag to denote affected pixels
■ Comprehensive inline pixel defect correction
■ Fast+ I2C control interface
■ MIPI CSI-2 (copyright© 2005-2010 MIPI Alliance, Inc. Standard for Camera Serial Interface 2 (CSI-2) version 1.01, limited to 1 Gbps per lane) version 1.01 serial and/or 12-bit parallel video data interface
■ Automotive Safety Integrity Level (ASIL) data included as part of each frame
■ Operating junction temperature: -40oC to +125oC




Similar Part No. - VD6640

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VD66GY STMICROELECTRONICS-VD66GY Datasheet
1Mb / 37P
Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
18-Apr-2024
VD66GYCCA STMICROELECTRONICS-VD66GYCCA Datasheet
1Mb / 37P
Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
18-Apr-2024
More results


Similar Description - VD6640

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9M413C36STC MICRON-MT9M413C36STC Datasheet
504Kb / 30P
1.3-MEGAPIXEL CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
MT9M112 MICRON-MT9M112 Datasheet
843Kb / 2P
1/4-Inch, 1.3 Megapixel CMOS Image Sensor System-on-Chip
logo
Cypress Semiconductor
CYIWOSC1300AA CYPRESS-CYIWOSC1300AA Datasheet
345Kb / 31P
1.3 Megapixel CMOS Sensor
CYII4SC014KAA-GTC CYPRESS-CYII4SC014KAA-GTC_09 Datasheet
796Kb / 27P
Megapixel CMOS Image Sensor
CYII5SM1300AB CYPRESS-CYII5SM1300AB_11 Datasheet
1Mb / 35P
IBIS5 1.3 Megapixel CMOS Image Sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOII5SM1300A ONSEMI-NOII5SM1300A Datasheet
1,013Kb / 33P
IBIS5 1.3 Megapixel CMOS Image Sensor
May, 2013 ??Rev. 12
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
OmniVision Technologies...
OV16B10 OMNIVISION-OV16B10 Datasheet
703Kb / 2P
High-Performance 16-Megapixel Image Sensor
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
27-Nov-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com