Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6640 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 1 Page - STMicroelectronics

  VD6640 Datasheet HTML 1Page - STMicroelectronics VD6640 Datasheet HTML 2Page - STMicroelectronics VD6640 Datasheet HTML 3Page - STMicroelectronics VD6640 Datasheet HTML 4Page - STMicroelectronics VD6640 Datasheet HTML 5Page - STMicroelectronics VD6640 Datasheet HTML 6Page - STMicroelectronics VD6640 Datasheet HTML 7Page - STMicroelectronics VD6640 Datasheet HTML 8Page - STMicroelectronics VD6640 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 126 page
background image
This is information on a product in full production.
June 2018
DocID023597 Rev 11
1/126
VG6640, VD6640
Automotive 1.3 megapixel high-dynamic range image sensor
Datasheet
- production data
Features
• AEC-Q100 qualified
• 1.3 megapixel resolution sensor (1304 x 980)
in 1/2.7 inch optical format
• High dynamic range (HDR) pixel architecture,
up to 132 dB dynamic range
• Best in class FSI high pixel sensitivity with
3.75 µm pixel size
• 45 frames per second at full resolution,
60 frames per second at 720p resolution
• Small physical size: 9.0 mm x 9.3 mm Im2BGA
• Synchronization for multiple cameras
• Highly configurable HDR image pre-processing
• Motion and Flicker tolerant HDR options
including flicker flag to denote affected pixels
• Comprehensive inline pixel defect correction
• Fast+ I2C control interface
• MIPI CSI-2 (copyright© 2005-2010 MIPI
Alliance, Inc. Standard for Camera Serial
Interface 2 (CSI-2) version 1.01, limited to 1
Gbps per lane) version 1.01 serial and/or 12-bit
parallel video data interface
• Automotive Safety Integrity Level (ASIL) data
included as part of each frame
• Operating junction temperature: -40oC to
+125oC
Description
This is a high performance, high dynamic range
1.3 megapixel image sensor. Designed for
automotive, security and other demanding
outdoor applications, the device offers supreme
low light performance and numerous safety
integrity features.
An embedded Bayer and monochrome data pre-
processor integrates a wide range of image
enhancement functions, designed to ensure high
image quality.
An advanced synchronization facility allows
stereo and multi-camera systems to work
synchronously, minimizing system latency and
motion temporal mismatch artifacts.
Table 1. Device summary
Device
Color filter
Package
VG6640
RGB Bayer
Im2BGA
VD6640
RGB Bayer
None (bare die
www.st.com


Similar Part No. - VD6640

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VD66GY STMICROELECTRONICS-VD66GY Datasheet
1Mb / 37P
Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
18-Apr-2024
VD66GYCCA STMICROELECTRONICS-VD66GYCCA Datasheet
1Mb / 37P
Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
18-Apr-2024
More results

Similar Description - VD6640

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9M413C36STC MICRON-MT9M413C36STC Datasheet
504Kb / 30P
1.3-MEGAPIXEL CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
MT9M112 MICRON-MT9M112 Datasheet
843Kb / 2P
1/4-Inch, 1.3 Megapixel CMOS Image Sensor System-on-Chip
logo
Cypress Semiconductor
CYIWOSC1300AA CYPRESS-CYIWOSC1300AA Datasheet
345Kb / 31P
1.3 Megapixel CMOS Sensor
CYII4SC014KAA-GTC CYPRESS-CYII4SC014KAA-GTC_09 Datasheet
796Kb / 27P
Megapixel CMOS Image Sensor
CYII5SM1300AB CYPRESS-CYII5SM1300AB_11 Datasheet
1Mb / 35P
IBIS5 1.3 Megapixel CMOS Image Sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOII5SM1300A ONSEMI-NOII5SM1300A Datasheet
1,013Kb / 33P
IBIS5 1.3 Megapixel CMOS Image Sensor
May, 2013 ??Rev. 12
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
OmniVision Technologies...
OV16B10 OMNIVISION-OV16B10 Datasheet
703Kb / 2P
High-Performance 16-Megapixel Image Sensor
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
27-Nov-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com