Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6640 Datasheet(PDF) 94 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 90Page - STMicroelectronics VD6640 Datasheet HTML 91Page - STMicroelectronics VD6640 Datasheet HTML 92Page - STMicroelectronics VD6640 Datasheet HTML 93Page - STMicroelectronics VD6640 Datasheet HTML 94Page - STMicroelectronics VD6640 Datasheet HTML 95Page - STMicroelectronics VD6640 Datasheet HTML 96Page - STMicroelectronics VD6640 Datasheet HTML 97Page - STMicroelectronics VD6640 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 126 page
background image
Electrical characteristics
VG6640, VD6640
94/126
DocID023597 Rev 11
9.10
CSI-2(b) interface
For further information on the physical layer of the CSI-2 interface refer to the specification
document: MIPI Alliance Standard for D_PHY version 1.1.
b. Copyright © 2007 MIPI Alliance Inc.
Table 53. CSI-2 interface - high speed mode - signal characteristics
Symbol
C
Parameter
Minimum
Typical
Maximum
Unit
VCMTX
T
HS transmit static common mode
voltage
150
200
250
mV
VOD
T
HS transmit differential voltage(1)
1. Value when driving into load impedance anywhere in the ZID range (80-125Ω).
140
200
270
mV
VOHHS
T
HS output high voltage(1)
360
mV
ZOS
T
Single ended output impedance
40
50
62.5
Ω
Table 54. CSI-2 interface - low power mode - signal characteristics
Symbol
C
Parameter
Minimum
Typical
Maximum
Unit
VOH
T
Output high level
1.1
1.2
1.3
V
VOL
T
Output low level
-50
50
mV
ZOLP
T
Output impedance of LP transmitter
110
Ω
Table 55. CSI-2 interface - high speed mode - timing characteristics
Symbol
C
Parameter
Minimum
Typical
Maximum
Unit
RT
T
Total data rate
80
792
Mbit/s
RLN
T
Data rate per lane
80
396
Mbit/s
tclkp
T
Average data period
1.25
ns
tr and tf
T
20% - 80% rise time and fall time
100
0.3UI(1)
1. UI is equal to 1/(2*fh) where fh is the fundamental frequency of the transmission for a certain bit rate, for
example, for 600 Mbit/s fh is 300 MHz.
ps
tskew
T
Data to clock skew
-0.15UI
0.15UI
ps
Table 56. CSI-2 interface - low power mode - timing characteristics
Symbol
C
Parameter
Minimum
Typical
Maximum
Unit
tr and tf
T
15% - 85% rise time and fall time
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com