Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6640 Datasheet(PDF) 38 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 34Page - STMicroelectronics VD6640 Datasheet HTML 35Page - STMicroelectronics VD6640 Datasheet HTML 36Page - STMicroelectronics VD6640 Datasheet HTML 37Page - STMicroelectronics VD6640 Datasheet HTML 38Page - STMicroelectronics VD6640 Datasheet HTML 39Page - STMicroelectronics VD6640 Datasheet HTML 40Page - STMicroelectronics VD6640 Datasheet HTML 41Page - STMicroelectronics VD6640 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 126 page
background image
Control interface
VG6640, VD6640
38/126
DocID023597 Rev 11
4.2.5
Video timing registers [0x0300 to 0x0387]
Table 10. Video timing registers [0x0300 to 0x0387]
Index
Byte
Register name
Data
type
Default
Type
Comment
0x0300 HI
VT_Pix_Clk_Div
16UI
0x00
RW
Video timing pixel clock divider.
Min = 1
Max = 8
0x0301 LO
0x06
0x0302 HI
VT_Sys_Clk_Div
16UI
0x00
RW
Video timing system clock divider.
Min = 1
Max = 8
0x0303 LO
0x01
0x0304 HI
Pre_PLL_Clk_Div
16UI
0x00
RW
Pre PLL clock divider value.
Valid values = 1, 2, 4, 8
0x0305 LO
0x02
0x0306 HI
PLL_Multiplier
16UI
0x00
RW
PLL multiplier value.
Min = 37
Max = 167
0x0307 LO
0x84
0x0308 HI
Op_Pix_Clk_Div
16UI
0x00
RW
Output timing pixel clock divider.
Valid value = 8
0x0309 LO
0x08
0x030A HI
Op_Sys_Clk_Div
16UI
0x00
RW
Output timing pixel clock divider.
Min = 1
Max = 4
0x030B LO
0x01
0x0310 HI
ExtClk_Frequency_MHz
16UR
0x0C
RW
External clock frequency.
This register must be set to the value
of the clock applied to the
EXTCLK_XTAL1 pin.
0x0311 LO
0x00
0x0340 HI
Frame_Length_Lines
_Status
16UI
0x03
DNW
Length of the video frame in lines
Min = 159
Max = 65536.
0x0341 LO
0xFC
0x0342 HI
Line_Length_PCK
16UI
0x05
RW
Length of a line of video in pixels.
Min = 1438 (21.8uS @ 66MHz Pixel
Clock)
Max = 65536
0x0343 LO
0x9E
0x0344 HI
X_Addr_Start
16UI
0x00
RW
X pixel address of the top left corner
of the visible pixel data.
Min = 0
Max = 1303
0x0345 LO
0x00
0x0346 HI
Y_Addr_Start
16UI
0x00
RW
Y line address of the top left corner of
the visible pixel data.
Min = 0
Max = 979
0x0347 LO
0x00
0x0348 HI
X_Addr_End
16UI
0x05
RW
X pixel address of the bottom right
corner of the visible pixel data.
Min = 0
Max = 1303
0x0349 LO
0x17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com