Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6640 Datasheet(PDF) 32 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 28Page - STMicroelectronics VD6640 Datasheet HTML 29Page - STMicroelectronics VD6640 Datasheet HTML 30Page - STMicroelectronics VD6640 Datasheet HTML 31Page - STMicroelectronics VD6640 Datasheet HTML 32Page - STMicroelectronics VD6640 Datasheet HTML 33Page - STMicroelectronics VD6640 Datasheet HTML 34Page - STMicroelectronics VD6640 Datasheet HTML 35Page - STMicroelectronics VD6640 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 126 page
background image
Control interface
VG6640, VD6640
32/126
DocID023597 Rev 11
4.2
Register map
User should write only to the register addresses defined in this document. Writes to other
addresses may cause the VG6640 to operate incorrectly.
4.2.1
Status registers [0x0000 to 0x0013]
Table 6. Status registers [0x0000 to 0x0013]
Index
Byte
Register name
Data
type
Default
Type
Comment
0x0000 HI
Sensor_Model_ID
16UI
0x02
DNW
Sensor model identification number.
0x0001 LO
0x80
0x0002
Revision_Number_Major
8UR
0x20
DNW
Revision identifier of the camera.
Default value depends on NVM
content. 4.4
0x0006
Pixel_Order
8UI
0x00
DNW
Color pixel readout order. Changes
according to mirror and flip (register
0x0101).
0x00 - GR/BG normal.
0x01 - RG/GB horizontal mirror.
0x02 - BG/GR vertical flip.
0x03 - GB/RG vertical flip and
horizontal mirror.
0x0008 HI
Data_Pedestal
16UI
0x00
DNW
Data pedestal being applied to the
LongX4 data.
0x0009 LO
0x00
0x0010 HI
Frame_Count
32UI
0xFF
DNW
Increments by 1 every time a frame is
streamed. Reports 0xFFFFFFFF
when sensor is idle or after a soft
reset. Rolls over at 0xFFFFFFFE to
0x00000001.
0x0011
0xFF
0x0012
0xFF
0x0013 LO
0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com