Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6640 Datasheet(PDF) 36 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 32Page - STMicroelectronics VD6640 Datasheet HTML 33Page - STMicroelectronics VD6640 Datasheet HTML 34Page - STMicroelectronics VD6640 Datasheet HTML 35Page - STMicroelectronics VD6640 Datasheet HTML 36Page - STMicroelectronics VD6640 Datasheet HTML 37Page - STMicroelectronics VD6640 Datasheet HTML 38Page - STMicroelectronics VD6640 Datasheet HTML 39Page - STMicroelectronics VD6640 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 126 page
background image
Control interface
VG6640, VD6640
36/126
DocID023597 Rev 11
4.2.4
Integration and gain status registers [0x0200 to 0x0229]
Table 9. Integration and gain status registers [0x0200 to 0x0229]
Index
Byte
Register name
Data
type
Default
Type
Comment
0x0200 HI
Fine_Integration_Time_
Long_Status
16UI
0x00
DNW
Not used in VG6640. Always reads
back as zero.
0x0201 LO
0x00
0x0202 HI
Coarse_Integration_Time_
Long_Status
16UI
0x00
DNW
Coarse integration time for the long
exposure in lines.
0x0203 LO
0x00
0x0204 HI
Analog_Gain_Status
16UI
0x00
DNW
Global analog gain (coded)
0x0000 = Gain x1.0 (+0dB)
0x0001 = Gain x1.07 (+0.6dB)
0x0002 = Gain x1.1 (+1.2dB)
0x0003 = Gain x1.2 (+1.8dB)
0x0004 = Gain x1.3 (+2.5dB)
0x0005 = Gain x1.5 (+3.3dB)
0x0006 = Gain x1.6 (+4.1dB)
0x0007 = Gain x1.8 (+5.0dB)
0x0008 = Gain x2.0 (+6.0dB)
0x0009 = Gain x2.3 (+7.2dB)
0x000A = Gain x2.7 (+8.5dB)
0x000B = Gain x3.2 (+10.1dB)
0x000C = Gain x4.0 (+12.0dB)
0x000D = Gain x5.3 (+14.5dB)
0x000E = Gain x8.0 (+18.0dB)
0x000F = Gain x16.0 (+24.0dB)
0x0205 LO
0x00
0x0208 HI
Long2Medium_Line_Offset
16UI
0x00
RW
Exposure time offset between the
long and medium pipes in lines.
0x0209 LO
0x62
0x020A HI
Medium2Short_Line_Offset 16UI
0x00
RW
Exposure time offset between the
medium and short pipes in lines.
0x020B LO
0x0F
0x020E HI
Digital_Gain_GreenR
_Status
16UR
0x01
DNW
Green (red row) channel digital gain
value
0x020F LO
0x00
0x0210 HI
Digital_Gain_Red_Status
16UR
0x01
DNW
Red channel digital gain value
0x0211 LO
0x00
0x0212 HI
Digital_Gain_Blue_Status
16UR
0x01
DNW
Blue channel digital gain value
0x0213 LO
0x00
0x0214 HI
Digital_Gain_GreenB
_Status
16UR
0x01
DNW
Green (blue row) channel digital gain
value.
0x0215 LO
0x00
0x0216 HI
Coarse_Integration_Time
_Medium_Status
16UI
0x00
DNW
Coarse integration time for the
medium pipe in lines.
Min = 0 lines
Max = 96 lines
0x0217 LO
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com