Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6640 Datasheet(PDF) 33 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 29Page - STMicroelectronics VD6640 Datasheet HTML 30Page - STMicroelectronics VD6640 Datasheet HTML 31Page - STMicroelectronics VD6640 Datasheet HTML 32Page - STMicroelectronics VD6640 Datasheet HTML 33Page - STMicroelectronics VD6640 Datasheet HTML 34Page - STMicroelectronics VD6640 Datasheet HTML 35Page - STMicroelectronics VD6640 Datasheet HTML 36Page - STMicroelectronics VD6640 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 126 page
background image
DocID023597 Rev 11
33/126
VG6640, VD6640
Control interface
125
4.2.2
Frame format description registers [0x0040 to 0x0055]
Table 7. Frame format description registers [0x0040 to 0x0055]
Index
Byte
Register name
Data
type
Default
Type
Comment
0x0040
Frame_Format_Model
_Type
8UI
0x01
DNW
Generic frame format
0x01 = 2 byte data format
0x02 = 4 byte data format
0x0041
Frame_Format_Model_
Subtype
8UI
0x15
DNW
Contains the number of 2-byte data
format descriptors used
The upper nibble defines the number
of column descriptors
The lower nibble defines the number
of row descriptors
0x0042 HI
Frame_Format
_Descriptor_0
16UI
0x55
DNW
X output size
[15:12] - Pixel code
[11:0] - X size (default 1304)
0x0043 LO
0x18
0x0044 HI
Frame_Format
_Descriptor_1
16UI
0x10
DNW
2 embedded data header lines
[15:12] - Pixel code
[11:0] - number of data header lines
0x0045 LO
0x02
0x0046 HI
Frame_Format
_Descriptor_2
16UI
0x53
DNW
Y output size
[15:12] - Pixel code
[11:0] - Y size (default 980)
0x0047 LO
0xD4
0x0048 HI
Frame_Format
_Descriptor_3
16UI
0x80
DNW
2 digital ASIL lines
[15:12] - Pixel code
[11:0] - number of ASIL lines
0x0049 LO
0x02
0x004A HI
Frame_Format
_Descriptor_4
16UI
0x90
DNW
2 analog ASIL lines
[15:12] - Pixel code
[11:0] - number of ASIL lines
0x004B LO
0x02
0x004C HI
Frame_Format
_Descriptor_5
16UI
0xA0
DNW
6 embedded data trailer lines
[15:12] - Pixel code
[11:0] - number of data lines
0x004D LO
0x06
0x004E HI
Frame_Format
_Descriptor_6
16UI
0x00
DNW
unused descriptor
0x004F LO
0x00
0x0050 HI
Frame_Format
_Descriptor_7
16UI
0x00
DNW
unused descriptor
0x0051 LO
0x00
0x0052 HI
Frame_Format
_Descriptor_8
16UI
0x00
DNW
unused descriptor
0x0053 LO
0x00
0x0054 HI
Frame_Format
_Descriptor_9
16UI
0x00
DNW
unused descriptor
0x0055 LO
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com