Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6640 Datasheet(PDF) 21 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 17Page - STMicroelectronics VD6640 Datasheet HTML 18Page - STMicroelectronics VD6640 Datasheet HTML 19Page - STMicroelectronics VD6640 Datasheet HTML 20Page - STMicroelectronics VD6640 Datasheet HTML 21Page - STMicroelectronics VD6640 Datasheet HTML 22Page - STMicroelectronics VD6640 Datasheet HTML 23Page - STMicroelectronics VD6640 Datasheet HTML 24Page - STMicroelectronics VD6640 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 126 page
background image
DocID023597 Rev 11
21/126
VG6640, VD6640
Functional description
125
Figure 5. Custom analog block (CAB) block diagram
3.1.1
Pixel array
The pixel array consists of:
•
1304 x 980 visible pixels, each of 3.75 µm x 3.75 µm pixel size
•
pixels offer 2 global conversion gain settings with a nominal ratio of
•
dark pixels - used to calibrate the dark current
•
border pixels - required by the algorithms in the HDR video pipe
•
automotive safety integrity level (ASIL) pixels - a synthetic signal source used to
generate stimuli for the analog signal chain which can then be verified by the receiver
of the image
3.1.2
X, Y address
The X and Y addressing blocks address each pixel in the array in turn, to generate video
data. Each pixel integrates the incoming light up to three times, in order to increase the
dynamic range.
3.1.3
Dual column ADCs
The dual column ADCs digitize the analog pixel signal from the pixel array. Analog gain may
be applied to the analog pixel signal before digitization.
3.1.4
Dual SRAM
The dual SRAM stores the pixel values for two integration times until the pixel values for the
third integration time becomes available.
Custom analog block (CAB)
1304 x 980
Column ADC
Power
management
Y
address
Digital
logic
HDR pixels
Column ADC
X address
X address
SRAM readout
SRAM readout
Timing signals
Timing signals
Timing signals
Raw sensor data
Raw sensor data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com