Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6640 Datasheet(PDF) 77 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 73Page - STMicroelectronics VD6640 Datasheet HTML 74Page - STMicroelectronics VD6640 Datasheet HTML 75Page - STMicroelectronics VD6640 Datasheet HTML 76Page - STMicroelectronics VD6640 Datasheet HTML 77Page - STMicroelectronics VD6640 Datasheet HTML 78Page - STMicroelectronics VD6640 Datasheet HTML 79Page - STMicroelectronics VD6640 Datasheet HTML 80Page - STMicroelectronics VD6640 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 126 page
background image
DocID023597 Rev 11
77/126
VG6640, VD6640
Video system
125
7
Video system
7.1
Image and video capabilities
The image sensor supports various video modes ranging from full field of view@45 fps to
HD video, 720p@60 fps. Example configurations and output interface data rates are given
in Table 35.
7.2
Bayer pattern
The three color (red, green, and blue) filters are arranged over the pixel array in a repeated
2 x 2 arrangement known as the Bayer pattern. When the sensor array is read, the output
order of red, green, blue depends on the settings of vertical flip and horizontal mirror.
Figure 22 shows the read-out order for a sensor of 980 rows by 1304 columns, for the
default settings of vertical flip and horizontal mirror (both disabled). Lines are read from left
to right, then from top to bottom. Hence the order is green, red, green, red, and so on for the
first line, followed by blue, green, blue, green, and so on for the second line.
If vertical flip is enabled, the first line order becomes blue, green, blue, green, and so on. If
horizontal mirror is enabled, the first line order becomes red, green, red, green, and so on.
Table 35. Examples of video mode capabilities
Type
Resolution
Max
frame
rate (fps)
Mode
Format
No. of
CSI-2
lanes
Lane
datarate
(Mbps)
PIX-CLK
(MHz)
Full FOV
1304 x 980
45
Full Frame
RAW12
2
396.00
66.00
1304 x 980
25
Full Frame
RAW12
2
396.00
66.00
HD
video
720p
60
Vertical Crop
RAW12
2
396.00
66.00
720p
30
Vertical Crop
RAW12
2
396.00
66.00
Others
VGA
88
FFOV with 2x2
subsampling
RAW12
2
396.00
66.00
QVGA
120
FFOV with 4x4
subsampling
RAW12
2
396.00
66.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com