Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6640 Datasheet(PDF) 90 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 86Page - STMicroelectronics VD6640 Datasheet HTML 87Page - STMicroelectronics VD6640 Datasheet HTML 88Page - STMicroelectronics VD6640 Datasheet HTML 89Page - STMicroelectronics VD6640 Datasheet HTML 90Page - STMicroelectronics VD6640 Datasheet HTML 91Page - STMicroelectronics VD6640 Datasheet HTML 92Page - STMicroelectronics VD6640 Datasheet HTML 93Page - STMicroelectronics VD6640 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 126 page
background image
Electrical characteristics
VG6640, VD6640
90/126
DocID023597 Rev 11
9.5
System clock
Table 44. Maximum current consumption while streaming
Mode 1
Mode 2
Mode 3
Mode 4
Mode5
Conditions(1)
1. Mode 1 VDIG = 2.8 V, 12 MHz external clock, tested at 25 °C junction temperature
Modes 2, 3, 4, and 5 VDIG = 1.8 V, 12 MHz external clock, tested at 25 °C junction temperature
Worst case
Standard
Low power
Night mode
Very low
power
C
CCCCC
VCORE (mA)
NA
NA
90
90
75
VDIG (mA)
200
150
4
4
4
VANA (mA)
140
150
140
140
140
Table 45. EXTCLK_XTAL1 - characteristics
Symbol
C
Parameter
Minimum
Maximum
Unit
VEXTCLKL
T
DC-coupled square wave low level input
-0.5
0.5
V
VEXTCLKH
T
DC-coupled square wave high level input
1.3
2.3
V
fEXTCLK
T
Clock frequency input
12
50
MHz
IEXTCLKL
P
Input leakage current(1)
1. For VGND ≤VEXTCLK ≤VDIG
10
µA
Table 46. System clock - crystal
Symbol
C
Parameter
Minimum
Maximum
Unit
fXTAL
Crystal resonant frequency
12(tbc)
27(tbc)
MHz
Table 47. PLL timing characterics
Symbol
C
Parameter
Minimum
Maximum
Unit
fPLLINPUT
P
PLL input frequency
(after internal pre-divider)
612
MHz
tJITTER
T
Maximum allowable clock jitter on input to
PLL
100
ps
fPLLOUTPUT
C
PLL output frequency
(after fixed divide by 2)
225
500
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com