Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6640 Datasheet(PDF) 49 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 45Page - STMicroelectronics VD6640 Datasheet HTML 46Page - STMicroelectronics VD6640 Datasheet HTML 47Page - STMicroelectronics VD6640 Datasheet HTML 48Page - STMicroelectronics VD6640 Datasheet HTML 49Page - STMicroelectronics VD6640 Datasheet HTML 50Page - STMicroelectronics VD6640 Datasheet HTML 51Page - STMicroelectronics VD6640 Datasheet HTML 52Page - STMicroelectronics VD6640 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 126 page
background image
DocID023597 Rev 11
49/126
VG6640, VD6640
Control interface
125
4.2.8
User interface set 1 registers [0x2287 to 0x23E9]
Two user interface register sets are provided to allow frame-by-frame context switching of
exposure, frame length, HDR merge, defect correction, PWL compression parameters and
statistics accumulation. While one frame is being streamed using the active context settings,
new settings may be programmed to the non-active context, ready for use by the next
frame.
These settings must be written with the grouped_parameter_hold flag set. The status of the
integration and gain registers is reported in the frame status line.
Table 17. User interface set 1 integration and gain registers [0x2287 to 0x2295]
Index
Byte
Register name
Data
type
Default
Type
Comment
0x2287
TokenId
8UI
0x05
RW
Token ID used for identification of
this UI Set
0x2288 HI
CoarseTimeLong
16UI
0x03
RW
Coarse integration time for long pipe
(lines)
Min = 0 lines
Max = framelength_lines - 115
0x2289 LO
0x84
0x228A HI
CoarseTimeMedium
16UI
0x00
RW
Coarse integration time for medium
pipe (lines)
Min = 0 lines
Max = 96
0x228B LO
0x5F
0x228C HI
CourseTimeShort
16UI
0x00
RW
Coarse integration time for short pipe
(lines)
Min = 0 lines
Max = 13
0x228D LO
0x0D
0x228E
AnalogGain
8C
0x00
RW
Global analog gain (coded)
0x00 = Gain x1.0 (+0dB)
0x01 = Gain x1.07 (+0.6dB)
0x02 = Gain x1.1 (+1.2dB)
0x03 = Gain x1.2 (+1.8dB)
0x04 = Gain x1.3 (+2.5dB)
0x05 = Gain x1.5 (+3.3dB)
0x06 = Gain x1.6 (+4.1dB)
0x07 = Gain x1.8 (+5.0dB)
0x08 = Gain x2.0 (+6.0dB)
0x09 = Gain x2.3 (+7.2dB)
0x0A = Gain x2.7 (+8.5dB)
0x0B = Gain x3.2 (+10.1dB)
0x0C = Gain x4.0 (+12.0dB)
0x0D = Gain x5.3 (+14.5dB)
0x0E = Gain x8.0 (+18.0dB)
0x0F = Gain x16.0 (+24.0dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com