Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6640 Datasheet(PDF) 39 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 35Page - STMicroelectronics VD6640 Datasheet HTML 36Page - STMicroelectronics VD6640 Datasheet HTML 37Page - STMicroelectronics VD6640 Datasheet HTML 38Page - STMicroelectronics VD6640 Datasheet HTML 39Page - STMicroelectronics VD6640 Datasheet HTML 40Page - STMicroelectronics VD6640 Datasheet HTML 41Page - STMicroelectronics VD6640 Datasheet HTML 42Page - STMicroelectronics VD6640 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 126 page
background image
DocID023597 Rev 11
39/126
VG6640, VD6640
Control interface
125
0x034A HI
Y_Addr_End
16UI
0x03
RW
Y line address of bottom right corner
of the visible pixel data.
Min = 0
Max = 979
0x034B LO
0xD3
0x034C HI
X_Output_Size
16UI
0x05
RW
Width in pixels of the output image
from the sensor.
Min = 128
Max = 1304
0x034D LO
0x18
0x034E HI
Y_Output_Size
16UI
0x03
RW
Height in lines of the output image
from the sensor.
Min = 128
Max = 980
0x034F LO
0xD4
0x0381
X_Even_Inc
8UI
0x01
RW
X address increment for even pixels.
Min = 1
Max = 15
0x0383
X_Odd_Inc
8UI
0x01
RW
X address increment for odd pixels.
Min = 1
Max = 15
0x0385
Y_Even_Inc
8UI
0x01
RW
Y address increment for even lines.
Min = 1
Max = 15
NOTE - only odd values supported
0x0387
Y_Odd_Inc
8UI
0x01
RW
Y address increment for odd lines.
Min = 1
Max = 15
NOTE - only odd values supported
Table 10. Video timing registers [0x0300 to 0x0387] (continued)
Index
Byte
Register name
Data
type
Default
Type
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com