Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6640 Datasheet(PDF) 30 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 26Page - STMicroelectronics VD6640 Datasheet HTML 27Page - STMicroelectronics VD6640 Datasheet HTML 28Page - STMicroelectronics VD6640 Datasheet HTML 29Page - STMicroelectronics VD6640 Datasheet HTML 30Page - STMicroelectronics VD6640 Datasheet HTML 31Page - STMicroelectronics VD6640 Datasheet HTML 32Page - STMicroelectronics VD6640 Datasheet HTML 33Page - STMicroelectronics VD6640 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 126 page
background image
Control interface
VG6640, VD6640
30/126
DocID023597 Rev 11
4.1
Register formats
Any internal register that can be written to, can also be read from. There are also read only
registers that contain device status information, for example, design revision details.
A read instruction from an unused register location returns the value 0x00. A read
instruction from a reserved address may return any value.
A write instruction to a reserved or unused register location is illegal and the effect of such a
write is undefined.
A read or write to an unused register location must not cause the I2C read or write message
to be aborted. Therefore an I2C read or write message to an unused register location must
complete in the same way as if the read or write message had addressed a used register
location.
It is the responsibility of the companion device to only write to register locations which have
been defined.
Note that some registers marked as Read Only (RO) or Do Not Write (DNW) can be written
to and may read back with the data written but may also have unpredictable effects on the
operation of the sensor.
4.1.1
Data alignment within registers
Registers that are larger than 8 bits long are stored most significant byte first, i.e the MSB is
placed in the location with the lowest index.
If the width of an internal register is narrower than the 8-bit, 16-bit or 32-bit register which
reports it’s value, then the register value is right aligned within the register and the unused
MS bits are padded with zeroes.
Figure 15. Right alignment for packing 10-bit data into two 8-bit registers
7
3
1
6 5 4
2
0
7
3
1
6 5 4
2
0
9 8
7
3
1
6 5 4
2
0
Hi Byte (MSB)
Lo Byte (LSB)
Internal 10-bit Register Value
Top bits
padded with
zeroes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com