Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC3012 Datasheet (PDF) - Nihon Inter Electronics Corporation

PC3012 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PC3012
Download  PC3012 Download
File Size   213.34 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE MODULE 30A/1200 to1600V

PC3012 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC3012 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PC3012
Download  PC3012 Click to download

File Size   213.34 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE MODULE 30A/1200 to1600V

PC3012 Datasheet (HTML) - Nihon Inter Electronics Corporation


PC3012 Product details

FEATURES

* Isolated Base

* Dual Diodes Cathode Common and Cascaded Circuit

* High Surge Capability

* UL Recognized, File No. E187184



TYPICAL APPLICATIONS

* Rectified For General Use




Similar Part No. - PC3012

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC3012 NIEC-PC3012 Datasheet
151Kb / 2P
30A Avg 1200 1600 Volts
PC3012 NIEC-PC3012_1 Datasheet
151Kb / 2P
30A Avg 1200 1600 Volts
More results


Similar Description - PC3012

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT308 NIEC-PT308 Datasheet
135Kb / 3P
DIODE MODULE 30A/800V/1000V
PC308 NIEC-PC308 Datasheet
189Kb / 3P
DIODE MODULE 30A/800V
PC10012 NIEC-PC10012 Datasheet
219Kb / 3P
DIODE MODULE 100A/1200 to 1600V
PCH3012 NIEC-PCH3012 Datasheet
266Kb / 5P
THYRISTOR MODULE 30A/1200 to 1600V
PDT3012 NIEC-PDT3012 Datasheet
271Kb / 5P
THYRISTOR MODULE 30A /1200 to 1600V
PE308N NIEC-PE308N Datasheet
156Kb / 3P
DIODE MODULE 30A/800V
PT30S8 NIEC-PT30S8 Datasheet
111Kb / 3P
DIODE MODULE 30A/800V
PT308AC NIEC-PT308AC Datasheet
113Kb / 3P
DIODE MODULE 30A/800V
PT368 NIEC-PT368 Datasheet
116Kb / 3P
DIODE MODULE 30A/800V/1000V
PC3012 NIEC-PC3012_1 Datasheet
151Kb / 2P
30A Avg 1200 1600 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com