Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC525A Datasheet (PDF) - Analog Devices

HMC525A Datasheet PDF - Analog Devices
Part # HMC525A
Download  HMC525A Download
File Size   581.64 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 GHz to 8.5 GHz, Wideband I/Q Mixer

HMC525A Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC525A Datasheet PDF - Analog Devices

Part # HMC525A
Download  HMC525A Click to download

File Size   581.64 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 GHz to 8.5 GHz, Wideband I/Q Mixer

HMC525A Datasheet (HTML) - Analog Devices




Similar Part No. - HMC525A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC525ALC4 AD-HMC525ALC4 Datasheet
498Kb / 28P
4 GHz to 8.5 GHz, GaAs, MMIC, I/Q Mixer
5/2018-Rev. 0 to Rev. A
HMC525ALC4TR AD-HMC525ALC4TR Datasheet
498Kb / 28P
4 GHz to 8.5 GHz, GaAs, MMIC, I/Q Mixer
5/2018-Rev. 0 to Rev. A
HMC525ALC4TR-R5 AD-HMC525ALC4TR-R5 Datasheet
498Kb / 28P
4 GHz to 8.5 GHz, GaAs, MMIC, I/Q Mixer
5/2018-Rev. 0 to Rev. A
More results


Similar Description - HMC525A

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC525LC4 HITTITE-HMC525LC4 Datasheet
273Kb / 6P
GaAs MMIC I/Q MIXER 4 - 8.5 GHz
HMC527 HITTITE-HMC527 Datasheet
297Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC525LC4 HITTITE-HMC525LC4_09 Datasheet
212Kb / 6P
GaAs MMIC I/Q MIXER 4 - 8.5 GHz
HMC527 HITTITE-HMC527_09 Datasheet
228Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527LC4 HITTITE-HMC527LC4_09 Datasheet
206Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
logo
Analog Devices
HMC8192LG AD-HMC8192LG Datasheet
885Kb / 40P
20 GHz to 42 GHz, Wideband I/Q Mixer
11/2019-Revision 0
HMC521ACHIPS AD-HMC521ACHIPS Datasheet
660Kb / 25P
8.5 GHz to 13.5 GHz, GaAs, MMIC, I/Q Mixer
10/2019-Revision 0
HMC525ALC4 AD-HMC525ALC4 Datasheet
498Kb / 28P
4 GHz to 8.5 GHz, GaAs, MMIC, I/Q Mixer
5/2018-Rev. 0 to Rev. A
HMC8191 AD-HMC8191 Datasheet
871Kb / 44P
6 GHz to 26.5 GHz, Wideband I/Q Mixer
8/2019-Rev. B to Rev. C
HMC8193 AD-HMC8193 Datasheet
577Kb / 36P
2.5 GHz to 8.5 GHz, I/Q Mixer
5/2018-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com