Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-5024 Datasheet (PDF) - Broadcom Corporation.

AMMP-5024 Datasheet PDF - Broadcom Corporation.
Part # AMMP-5024
Download  AMMP-5024 Download
File Size   229.38 Kbytes
Page   8 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 30kHz ??40 GHz Traveling Wave Amplifier

AMMP-5024 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMP-5024 Datasheet PDF - Broadcom Corporation.

Part # AMMP-5024
Download  AMMP-5024 Click to download

File Size   229.38 Kbytes
Page   8 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 30kHz ??40 GHz Traveling Wave Amplifier

AMMP-5024 Datasheet (HTML) - Broadcom Corporation.




Similar Part No. - AMMP-5024

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5024 AVAGO-AMMP-5024 Datasheet
666Kb / 11P
30kHz - 40 GHz Traveling Wave Amplifier
AMMP-5024 AVAGO-AMMP-5024 Datasheet
229Kb / 8P
30kHz ??40 GHz Traveling Wave Amplifier
AMMP-5024-BLKG AVAGO-AMMP-5024-BLKG Datasheet
666Kb / 11P
30kHz - 40 GHz Traveling Wave Amplifier
AMMP-5024-BLKG AVAGO-AMMP-5024-BLKG Datasheet
118Kb / 2P
Refer to Appendix A
AMMP-5024-TR1G AVAGO-AMMP-5024-TR1G Datasheet
666Kb / 11P
30kHz - 40 GHz Traveling Wave Amplifier
More results


Similar Description - AMMP-5024

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-5021 HP-HMMC-5021 Datasheet
268Kb / 6P
2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
AMMC-5026 HP-AMMC-5026 Datasheet
168Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5024 AVAGO-AMMP-5024 Datasheet
666Kb / 11P
30kHz - 40 GHz Traveling Wave Amplifier
AMMC-5026 AVAGO-AMMC-5026 Datasheet
165Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
AMMC-5026 AVAGO-AMMC-5026_08 Datasheet
191Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
AMMP-5024 AVAGO-AMMP-5024_15 Datasheet
229Kb / 8P
30kHz ??40 GHz Traveling Wave Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5024 HP-AMMC-5024 Datasheet
206Kb / 11P
Agilent AMMC-5024 30 KHz??40 GHz Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5024 AVAGO-AMMC-5024_08 Datasheet
379Kb / 10P
30 KHz??0 GHz Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMC-5024 BOARDCOM-AMMC-5024 Datasheet
379Kb / 10P
30 KHz??0 GHz Traveling Wave Amplifier
AMMC-5026 BOARDCOM-AMMC-5026 Datasheet
203Kb / 8P
2??5 GHz GaAs MMIC Traveling Wave Amplifier
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com