Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-5024 Datasheet (PDF) - Agilent(Hewlett-Packard)

AMMC-5024 Datasheet PDF - Agilent(Hewlett-Packard)
Part # AMMC-5024
Download  AMMC-5024 Download
File Size   206.37 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Agilent AMMC-5024 30 KHz??40 GHz Traveling Wave Amplifier

AMMC-5024 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-5024 Datasheet PDF - Agilent(Hewlett-Packard)

Part # AMMC-5024
Download  AMMC-5024 Click to download

File Size   206.37 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Agilent AMMC-5024 30 KHz??40 GHz Traveling Wave Amplifier

AMMC-5024 Datasheet (HTML) - Agilent(Hewlett-Packard)


AMMC-5024 Product details

Description
Agilent’s AMMC-5024 is a broadband PHEMT GaAs MMIC TWA designed for medium output power and high gain over the full 30 KHz to 40 GHz frequency range. The design employs a 9-stage, cascade-connected FET structure to ensure flat gain and power as well as uniform group delay. E-beam lithography is used to produce uniform gate lengths of 0.15 mm and MBE technology assures precise semiconductor layer control.

Features
• Wide frequency range: 30 KHz – 40 GHz
• High gain: 16 dB
• Gain flatness: ± 0.75 dB
• Return loss: Input: 13 dB, Output: 13 dB
• Medium power: P-1dB = 22.5 dBm at 22 GHz
• Low noise figure: 4.6 dB at 26 GHz

Applications
• Communication systems
• Microwave instrumentation
• Optical systems
• Broadband applications requiring flat gain and group delay with excellent input and output port matches over the 30 KHz and 40 GHz frequency range




Similar Part No. - AMMC-5024

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5024 AVAGO-AMMC-5024 Datasheet
268Kb / 10P
30 KHz-40GHz Traveling Wave Amplifier
AMMC-5024 AVAGO-AMMC-5024 Datasheet
379Kb / 10P
30 KHz??0 GHz Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMC-5024 BOARDCOM-AMMC-5024 Datasheet
379Kb / 10P
30 KHz??0 GHz Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5024-W10 AVAGO-AMMC-5024-W10 Datasheet
268Kb / 10P
30 KHz-40GHz Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMC-5024-W10 BOARDCOM-AMMC-5024-W10 Datasheet
379Kb / 10P
30 KHz??0 GHz Traveling Wave Amplifier
More results


Similar Description - AMMC-5024

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-5026 HP-AMMC-5026 Datasheet
168Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5024 AVAGO-AMMC-5024 Datasheet
268Kb / 10P
30 KHz-40GHz Traveling Wave Amplifier
AMMP-5024 AVAGO-AMMP-5024 Datasheet
666Kb / 11P
30kHz - 40 GHz Traveling Wave Amplifier
AMMC-5026 AVAGO-AMMC-5026 Datasheet
165Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
AMMC-5026 AVAGO-AMMC-5026_08 Datasheet
191Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
AMMP-5024 AVAGO-AMMP-5024_15 Datasheet
229Kb / 8P
30kHz ??40 GHz Traveling Wave Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5620 HP-AMMC-5620 Datasheet
201Kb / 9P
Agilent AMMC-5620, 6 - 20 GHz High Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5024 AVAGO-AMMC-5024_08 Datasheet
379Kb / 10P
30 KHz??0 GHz Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMC-5024 BOARDCOM-AMMC-5024 Datasheet
379Kb / 10P
30 KHz??0 GHz Traveling Wave Amplifier
AMMP-5024 BOARDCOM-AMMP-5024 Datasheet
229Kb / 8P
30kHz ??40 GHz Traveling Wave Amplifier
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com