Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-5026 Datasheet (PDF) - Agilent(Hewlett-Packard)

AMMC-5026 Datasheet PDF - Agilent(Hewlett-Packard)
Part # AMMC-5026
Download  AMMC-5026 Download
File Size   168.61 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 2-35 GHz GaAs MMIC Traveling Wave Amplifier

AMMC-5026 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-5026 Datasheet PDF - Agilent(Hewlett-Packard)

Part # AMMC-5026
Download  AMMC-5026 Click to download

File Size   168.61 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 2-35 GHz GaAs MMIC Traveling Wave Amplifier

AMMC-5026 Datasheet (HTML) - Agilent(Hewlett-Packard)


AMMC-5026 Product details

Description
The AMMC-5026 is a broadband PHEMT GaAs MMIC Traveling Wave Amplifier (TWA) designed for medium output power and high gain over the full 2 GHz to 35 GHz frequency range. The design employs a 6-section cascode connected FET structure to provide flat gain and medium power as well as uniform group delay.

Features
• Frequency range: 2– 35 GHz
• Gain: 10.5 dB
• Gain flatness: ± 0.8 dB
• Return loss:
    Input 17 dB, Output: 15 dB
• Output power (P-1dB):
    24 dBm at 10 GHz
    23 dBm at 20 GHz
    22 dBm at 26 GHz
• Noise figure (6–19 GHz): ≤4 dB

Applications
• Broadband gain block
• Broadband driver amplifier
• 10 Gb/s Fiber Optics




Similar Part No. - AMMC-5026

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026 AVAGO-AMMC-5026 Datasheet
165Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
AMMC-5026 AVAGO-AMMC-5026 Datasheet
191Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMC-5026 BOARDCOM-AMMC-5026 Datasheet
203Kb / 8P
2??5 GHz GaAs MMIC Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026-W10 AVAGO-AMMC-5026-W10 Datasheet
165Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
AMMC-5026-W10 AVAGO-AMMC-5026-W10 Datasheet
191Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
More results


Similar Description - AMMC-5026

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA035P3-00 ALPHA-AA035P3-00 Datasheet
67Kb / 2P
31-35 GHz GaAs MMIC Driver Amplifier
logo
Agilent(Hewlett-Packard...
HMMC-5021 HP-HMMC-5021 Datasheet
268Kb / 6P
2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
logo
Hittite Microwave Corpo...
HMC562 HITTITE-HMC562 Datasheet
361Kb / 8P
GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER, 2 - 35 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5024 AVAGO-AMMP-5024 Datasheet
666Kb / 11P
30kHz - 40 GHz Traveling Wave Amplifier
AMMC-5026 AVAGO-AMMC-5026 Datasheet
165Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
AMMC-5026 AVAGO-AMMC-5026_08 Datasheet
191Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Hittite Microwave Corpo...
HMC562 HITTITE-HMC562_08 Datasheet
289Kb / 8P
GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER, 2 - 35 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5024 AVAGO-AMMP-5024_15 Datasheet
229Kb / 8P
30kHz ??40 GHz Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMP-5024 BOARDCOM-AMMP-5024 Datasheet
229Kb / 8P
30kHz ??40 GHz Traveling Wave Amplifier
AMMC-5026 BOARDCOM-AMMC-5026 Datasheet
203Kb / 8P
2??5 GHz GaAs MMIC Traveling Wave Amplifier
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com