Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA035P3-00 Datasheet (PDF) - Alpha Industries

AA035P3-00 Datasheet PDF - Alpha Industries
Part # AA035P3-00
Download  AA035P3-00 Download
File Size   67.73 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 31-35 GHz GaAs MMIC Driver Amplifier

AA035P3-00 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA035P3-00 Datasheet PDF - Alpha Industries

Part # AA035P3-00
Download  AA035P3-00 Click to download

File Size   67.73 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 31-35 GHz GaAs MMIC Driver Amplifier

AA035P3-00 Datasheet (HTML) - Alpha Industries


AA035P3-00 Product details

Description
Alpha’s three-stage reactively-matched Ka band GaAs MMIC driver amplifier has a typical P1 dB of 17 dBm with 18 dB associated gain at 35 GHz.The chip uses Alpha’s proven 0.25 µm MESFET technology, which is based upon MBE layers and electron beam lithography for the highest uniformity and repeatability. The FETs employ surface passivation to ensure a rugged, reliable part with through-substrate via holes and gold-based backside metallization to facilitate solder or epoxy die attach processes.The amplifier is a self-bias design requiring a single positive drain bias to one of any three bonding sites.

Features
■ Single Bias Supply Operation (5 V)
■ 19 dB Typical Small Signal Gain
■ 17 dBm Typical P1 dB Output Power at 35 GHz
■ 0.25 µm Ti/Pd/Au Gates
■ 100% On-Wafer RF and DC Testing
■ 100% Visual Inspection to MIL-STD-883 MT 2010




Similar Part No. - AA035P3-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA035N1-00 ALPHA-AA035N1-00 Datasheet
173Kb / 3P
28-36 GHz GaAs MMIC Low Noise Amplifier
More results


Similar Description - AA035P3-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA028P2-00 ALPHA-AA028P2-00 Datasheet
80Kb / 2P
27-31 GHz GaAs MMIC Driver Amplifier
AA028P3-00 ALPHA-AA028P3-00 Datasheet
98Kb / 2P
27-31 GHz GaAs MMIC Driver Amplifier
logo
Hittite Microwave Corpo...
HMC562 HITTITE-HMC562 Datasheet
361Kb / 8P
GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER, 2 - 35 GHz
logo
Agilent(Hewlett-Packard...
AMMC-5026 HP-AMMC-5026 Datasheet
168Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026 AVAGO-AMMC-5026 Datasheet
165Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
AMMC-5026 AVAGO-AMMC-5026_08 Datasheet
191Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Hittite Microwave Corpo...
HMC-AUH249 HITTITE-HMC-AUH249 Datasheet
336Kb / 8P
GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 35 GHz
HMC519LC4 HITTITE-HMC519LC4 Datasheet
233Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 31 GHz
HMC562 HITTITE-HMC562_08 Datasheet
289Kb / 8P
GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER, 2 - 35 GHz
HMC-AUH249 HITTITE-HMC-AUH249_10 Datasheet
2Mb / 8P
GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 35 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com