Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA035P3-00 Datasheet(PDF) 1 Page - Alpha Industries

Part # AA035P3-00
Description  31-35 GHz GaAs MMIC Driver Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AA035P3-00 Datasheet(HTML) 1 Page - Alpha Industries

  AA035P3-00 Datasheet HTML 1Page - Alpha Industries AA035P3-00 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 1/01A
31–35 GHz GaAs MMIC
Driver Amplifier
Features
s Single Bias Supply Operation (5 V)
s 19 dB Typical Small Signal Gain
s 17 dBm Typical P1 dB Output Power
at 35 GHz
s 0.25
µm Ti/Pd/Au Gates
s 100% On-Wafer RF and DC Testing
s 100% Visual Inspection to MIL-STD-883
MT 2010
Chip Outline
AA035P3-00
Description
Alpha’s three-stage reactively-matched Ka band GaAs
MMIC driver amplifier has a typical P1 dB of 17 dBm with
18 dB associated gain at 35 GHz. The chip uses Alpha’s
proven 0.25
µm MESFET technology, which is based upon
MBE layers and electron beam lithography for the highest
uniformity and repeatability. The FETs employ surface
passivation to ensure a rugged, reliable part with
through-substrate via holes and gold-based backside
metallization to facilitate solder or epoxy die attach
processes. The amplifier is a self-bias design requiring a
single positive drain bias to one of any three bonding sites.
All chips are screened for S-parameters prior to shipment
for guaranteed performance. A broad range of
applications exist in both the high reliability and
commercial areas where high gain and power are
required.
Parameter
Condition
Symbol
Min.
Typ.3
Max.
Unit
Drain Current
IDS
275
350
mA
Small Signal Gain
F= 31–35 GHz
G
15
19
dB
Noise Figure1
F= 35 GHz
NF
10.5
dB
Input Return Loss
F= 31–35 GHz
RLI
-14
-10
dB
Output Return Loss
F= 31–35 GHz
RLO
-16
-10
dB
Output Power at 1 dB Gain Compression
F= 35 GHz
P1 dB
15
17
dBm
Saturated Output Power
F= 35 GHz
PSAT
16
19
dBm
Thermal Resistance2
ΘJC
66
°C/W
Electrical Specifications at 25°C (VDS = 5 V)
1. Not measured on a 100% basis.
2. Calculated value based on measurement of discrete FET.
3. Typical represents the median parameter value across the specified
frequency range for the median chip.
0.000
1.250
1.905
Dimensions indicated in mm.
All DC (V) pads are 0.1 x 0.1 mm and RF In, Out pads are 0.07 mm wide.
Chip thickness = 0.1 mm.
Characteristic
Value
Operating Temperature (TC)
-55°C to +90°C
Storage Temperature (TST)
-65°C to +150°C
Bias Voltage (VD)7 VDC
Power In (PIN)
19 dBm
Junction Temperature (TJ)
175°C
Absolute Maximum Ratings


Similar Part No. - AA035P3-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA035N1-00 ALPHA-AA035N1-00 Datasheet
173Kb / 3P
28-36 GHz GaAs MMIC Low Noise Amplifier
More results

Similar Description - AA035P3-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA028P2-00 ALPHA-AA028P2-00 Datasheet
80Kb / 2P
27-31 GHz GaAs MMIC Driver Amplifier
AA028P3-00 ALPHA-AA028P3-00 Datasheet
98Kb / 2P
27-31 GHz GaAs MMIC Driver Amplifier
logo
Hittite Microwave Corpo...
HMC562 HITTITE-HMC562 Datasheet
361Kb / 8P
GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER, 2 - 35 GHz
logo
Agilent(Hewlett-Packard...
AMMC-5026 HP-AMMC-5026 Datasheet
168Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026 AVAGO-AMMC-5026 Datasheet
165Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
AMMC-5026 AVAGO-AMMC-5026_08 Datasheet
191Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Hittite Microwave Corpo...
HMC-AUH249 HITTITE-HMC-AUH249 Datasheet
336Kb / 8P
GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 35 GHz
HMC519LC4 HITTITE-HMC519LC4 Datasheet
233Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 31 GHz
HMC562 HITTITE-HMC562_08 Datasheet
289Kb / 8P
GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER, 2 - 35 GHz
HMC-AUH249 HITTITE-HMC-AUH249_10 Datasheet
2Mb / 8P
GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 35 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com