Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA035P3-00 Datasheet(PDF) 2 Page - Alpha Industries

Part # AA035P3-00
Description  31-35 GHz GaAs MMIC Driver Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AA035P3-00 Datasheet(HTML) 2 Page - Alpha Industries

  AA035P3-00 Datasheet HTML 1Page - Alpha Industries AA035P3-00 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
31–35 GHz GaAs MMIC Driver Amplifier
AA035P3-00
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 1/01A
-30
-20
-10
0
10
20
30
30
31
32
33
34
35
36
Frequency (GHz)
Typical Small Signal Performance
S-Parameters (VDS = 5 V)
S21
S11
S22
PIN (dBm)
10
12
14
16
18
20
-10
-8
-6
-4
-2
0
2
4
Output Characteristic as a
Function of Input Drive Level
(F = 35 GHz, VDS = 5 V)
Typical Performance Data
5 V
.01
µF 50 pF
RF IN
RF OUT
Bias Arrangement
Detail A
RF IN
RF OUT
VDS
SEE
DETAIL A
Circuit Schematic
For biasing on, adjust VDS from zero to the desired value
(4 V–6 V recommended). For biasing off, reverse the biasing on procedure.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com