Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045CT Datasheet (PDF) - First Silicon Co., Ltd

MBR3045CT Datasheet PDF - First Silicon Co., Ltd
Part # MBR3045CT
Download  MBR3045CT Download
File Size   368.46 Kbytes
Page   3 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Dual SchottkyBarrierRectifiers ReverseVoltage 35 to 45Volts ForwardCurrent 30 Ampers

MBR3045CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR3045CT Datasheet PDF - First Silicon Co., Ltd

Part # MBR3045CT
Download  MBR3045CT Click to download

File Size   368.46 Kbytes
Page   3 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Dual SchottkyBarrierRectifiers ReverseVoltage 35 to 45Volts ForwardCurrent 30 Ampers

MBR3045CT Datasheet (HTML) - First Silicon Co., Ltd


MBR3045CT Product details

Features
◆ Plastic package has Underwriters Laboratory Flammability
   Classification 94V-0
◆ Dual rectifier construction, positive center tap
◆ Metal silicon junction, majority carrier conduction
◆ Low power loss, high efficiency
◆ Guardring for overvoltage protection
◆ For use in low voltage, high frequency inverters, free wheeling,
   and polarity protection applications
◆ High temperature soldering guaranteed:
   250°C/10 seconds, 0.25" (6.35mm) from case
◆ Rated for reverse surge and ESD

Mechanical Data
◆ Case: JEDEC TO-220AB, TO-220F , TO-263AB molded plastic body
◆ Terminals: Plated leads, solderable per MIL-STD-750, Method 2026
◆ Polarity: As marked
◆ Mounting Position: Any
◆ Mounting Torque: 10 in-lbs maximum
◆ Weight: 0.08 ounce, 2.24 grams






Similar Part No. - MBR3045CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3045CT MCC-MBR3045CT Datasheet
134Kb / 2P
30 Amp Rectifier 30 to 60 Volts Schottky Barrier
logo
Microsemi Corporation
MBR3045CT MICROSEMI-MBR3045CT Datasheet
131Kb / 2P
30 AMP SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
MBR3045CT VISHAY-MBR3045CT Datasheet
46Kb / 3P
Dual Schottky Rectifiers
02-Oct-02
logo
List of Unclassifed Man...
MBR3045CT ETC1-MBR3045CT Datasheet
88Kb / 2P
High Tjm Schottky Barrier Diodes
logo
Taiwan Semiconductor Co...
MBR3045CT TSC-MBR3045CT Datasheet
101Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
More results


Similar Description - MBR3045CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2535FCT MCC-MBR2535FCT Datasheet
116Kb / 3P
30 Amp Schottky Barrier Rectifier 35 to 60 Volts
logo
Microdiode Semiconducto...
MBR1045CD CHENDA-MBR1045CD Datasheet
1Mb / 2P
45Volts Forward Current - 10.0 Amperes
logo
Micro Commercial Compon...
MBR2535FCT MCC-MBR2535FCT_13 Datasheet
243Kb / 3P
30 Amp Schottky Barrier Rectifier 35 to 60 Volts
logo
First Silicon Co., Ltd
MBRF20150CT FS-MBRF20150CT Datasheet
320Kb / 3P
Dual SchottkyBarrierRectifiers ReverseVoltage 150V Volts ForwardCurrent 20.0Amperes
MBR25XXCT FS-MBR25XXCT Datasheet
335Kb / 3P
Dual SchottkyBarrierRectifiers
MBR1045CT FS-MBR1045CT Datasheet
288Kb / 3P
Dual Schottky Barrier Rectifier Reverse Voltage 45Volts , Forward Current 10A
MBR2035CT FS-MBR2035CT Datasheet
333Kb / 3P
Dual SchottkyBarrierRectifiers ReverseVoltage 35 to 60Volts ForwardCurrent 20.0Amperes
MBR2090CT FS-MBR2090CT Datasheet
299Kb / 3P
Dual SchottkyBarrierRectifiers ReverseVoltage 100V Volts ForwardCurrent 20.0Amperes
MBR20XXCT FS-MBR20XXCT Datasheet
333Kb / 3P
Dual SchottkyBarrierRectifiers ReverseVoltage 35 to 60Volts ForwardCurrent 20.0Amperes
logo
Rectron Semiconductor
DS22W RECTRON-DS22W Datasheet
88Kb / 6P
SurfaceMountSchottkyBarrierRectifier ReverseVoltage- 20to200V ForwardCurrent - 2.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com