Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045CT Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MBR3045CT
Description  Dual SchottkyBarrierRectifiers ReverseVoltage 35 to 45Volts ForwardCurrent 30 Ampers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MBR3045CT Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MBR3045CT Datasheet HTML 1Page - First Silicon Co., Ltd MBR3045CT Datasheet HTML 2Page - First Silicon Co., Ltd MBR3045CT Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL DATA
2012. 6. 20
1/3
Revision No : 1
MBR30xxCT,MBRF30xxCT,MBRB30xxCT Series
s
r
e
if
it
c
e
R
r
e
i
r
r
a
B
y
k
t
t
o
h
c
S
l
a
u
D
30 Ampers
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
tl
o
V
45
o
t
5
3
e
g
a
tl
o
V
e
s
r
e
v
e
R
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Dual rectifier construction, positive center tap
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
Guardring for overvoltage protection
For use in low voltage, high frequency inverters, free wheeling,
and polarity protection applications
High temperature soldering guaranteed:
250°C/10 seconds, 0.25" (6.35mm) from case
Case: JEDEC TO-220AB, TO-220F , TO-263AB molded
plastic body
Terminals: Plated leads, solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Mounting Torque: 10 in-lbs maximum
Weight: 0.08 ounce, 2.24 grams
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
TO-220AB
TO-220F
TO-263AB(D2PAK)
Mounting Pad Layout TO-263AB
Dimensions in inches and (millimeters)
Rated for reverse surge and ESD


Similar Part No. - MBR3045CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3045CT MCC-MBR3045CT Datasheet
134Kb / 2P
30 Amp Rectifier 30 to 60 Volts Schottky Barrier
logo
Microsemi Corporation
MBR3045CT MICROSEMI-MBR3045CT Datasheet
131Kb / 2P
30 AMP SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
MBR3045CT VISHAY-MBR3045CT Datasheet
46Kb / 3P
Dual Schottky Rectifiers
02-Oct-02
logo
List of Unclassifed Man...
MBR3045CT ETC1-MBR3045CT Datasheet
88Kb / 2P
High Tjm Schottky Barrier Diodes
logo
Taiwan Semiconductor Co...
MBR3045CT TSC-MBR3045CT Datasheet
101Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR3045CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2535FCT MCC-MBR2535FCT Datasheet
116Kb / 3P
30 Amp Schottky Barrier Rectifier 35 to 60 Volts
logo
Microdiode Semiconducto...
MBR1045CD CHENDA-MBR1045CD Datasheet
1Mb / 2P
45Volts Forward Current - 10.0 Amperes
logo
Micro Commercial Compon...
MBR2535FCT MCC-MBR2535FCT_13 Datasheet
243Kb / 3P
30 Amp Schottky Barrier Rectifier 35 to 60 Volts
logo
First Silicon Co., Ltd
MBRF20150CT FS-MBRF20150CT Datasheet
320Kb / 3P
Dual SchottkyBarrierRectifiers ReverseVoltage 150V Volts ForwardCurrent 20.0Amperes
MBR25XXCT FS-MBR25XXCT Datasheet
335Kb / 3P
Dual SchottkyBarrierRectifiers
MBR1045CT FS-MBR1045CT Datasheet
288Kb / 3P
Dual Schottky Barrier Rectifier Reverse Voltage 45Volts , Forward Current 10A
MBR2035CT FS-MBR2035CT Datasheet
333Kb / 3P
Dual SchottkyBarrierRectifiers ReverseVoltage 35 to 60Volts ForwardCurrent 20.0Amperes
MBR2090CT FS-MBR2090CT Datasheet
299Kb / 3P
Dual SchottkyBarrierRectifiers ReverseVoltage 100V Volts ForwardCurrent 20.0Amperes
MBR20XXCT FS-MBR20XXCT Datasheet
333Kb / 3P
Dual SchottkyBarrierRectifiers ReverseVoltage 35 to 60Volts ForwardCurrent 20.0Amperes
logo
Rectron Semiconductor
DS22W RECTRON-DS22W Datasheet
88Kb / 6P
SurfaceMountSchottkyBarrierRectifier ReverseVoltage- 20to200V ForwardCurrent - 2.0A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com