Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3964CEP Datasheet (PDF) - Maxim Integrated Products

MAX3964CEP Datasheet PDF - Maxim Integrated Products
Part # MAX3964CEP
Download  MAX3964CEP Download
File Size   896.34 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector

MAX3964CEP Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3964CEP Datasheet PDF - Maxim Integrated Products

Part # MAX3964CEP
Download  MAX3964CEP Click to download

File Size   896.34 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector

MAX3964CEP Datasheet (HTML) - Maxim Integrated Products


MAX3964CEP Product details

General Description
The MAX3964 limiting amplifier, with 2mVP-P input sensitivity and PECL data outputs, is ideal for low-cost ATM, FDDI, and Fast Ethernet fiber optic applications.

Features
♦ Single Supply: +3.0V to +5.5V
♦ 2mVP-P Input Sensitivity
♦ 1.2ns Output Edge Speed
♦ Loss-of-Signal Detector with Programmable Threshold
♦ Analog Received-Signal-Strength Indicator
♦ Output Squelch Function
♦ Choice of TTL or PECL LOS Outputs
♦ Compatible with 4B/5B Data Coding

Applications
    125Mbps FDDI Receivers
    155Mbps LAN ATM Receivers
    Fast Ethernet Receivers
    ESCON Receivers
    155Mbps FTTx Receivers




Similar Part No. - MAX3964CEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3964CEP MAXIM-MAX3964CEP Datasheet
808Kb / 12P
3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 3; 9/04
More results


Similar Description - MAX3964CEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3264 MAXIM-MAX3264 Datasheet
344Kb / 17P
3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
Rev 6, 5/04
MAX3645 MAXIM-MAX3645 Datasheet
262Kb / 10P
2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
Rev 0; 10/03
MAX3964A MAXIM-MAX3964A Datasheet
808Kb / 12P
3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 3; 9/04
MAX3645EEE MAXIM-MAX3645EEE Datasheet
240Kb / 10P
2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier
Rev 1; 11/04
MAX20419EVKIT MAXIM-MAX20419EVKIT Datasheet
120Kb / 1P
3.0V to 5.5V Operating Supply Voltage
MAX20416EVKIT MAXIM-MAX20416EVKIT Datasheet
107Kb / 1P
3.0V to 5.5V Operating Supply Voltage
MAX258EVKIT MAXIM-MAX258EVKIT Datasheet
766Kb / 7P
3.0V to 5.5V Operating Voltage Range
Rev 0; 5/13
MAX3645 MAXIM-MAX3645_V01 Datasheet
240Kb / 10P
2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
19-3026; Rev 1; 11/04
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3964 MAXIM-MAX3964_V01 Datasheet
299Kb / 11P
3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
19-1314; Rev 5; 8/06
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com