Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62376 Datasheet (PDF) - Mitsubishi Electric Semiconductor

M62376 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M62376
Download  M62376 Download
File Size   89.85 Kbytes
Page   8 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 8-BIT 12CH D-A CONVERTER IC BUILT-IN 12-BIT I/O EXPANDER

M62376 Datasheet (PDF)

Go To PDF Page Download Datasheet
M62376 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M62376
Download  M62376 Click to download

File Size   89.85 Kbytes
Page   8 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 8-BIT 12CH D-A CONVERTER IC BUILT-IN 12-BIT I/O EXPANDER

M62376 Datasheet (HTML) - Mitsubishi Electric Semiconductor


M62376 Product details

DESCRIPTION
The M62376GP is a semiconductor IC that adopts a CMOS structure having 12-channel of 8-bit D-A converter and 12-bit I/O expander. The IC has achieved a wide operation range of 2.7V to 5.5V in power voltage.
Data is easily available via 3-wire combination system serial input of SI, CLK and EN. The IC also provides an SO pin enabling cascade connection. It provides 8 pins that share D-A converter and I/O ports that can be arbitrarily switched with serial input data.

FEATURES
● Supply voltage 2.7 to 5.5V
● Adopts 4 special ports for each of DAC and I/O and 8 ports that share DAC output and I/O.
● Each port can be set by serial data for input/output status.
● Built-in power-on reset where D-A output is set to "L" in the initial status and I/O goes to Hi-impedance when power is turned on.
● Small package of 0.65mm pitch and 24 pin.

APPLICATION
   Adjustment/control of industrial or home-use electronic equipment, such as VCR camera, VCR set, TV, and CRT display.




Similar Part No. - M62376

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62376GP RENESAS-M62376GP Datasheet
150Kb / 11P
8-bit 12ch D/A Converter IC Built-in 12-bit I/O Expander
More results


Similar Description - M62376

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62352P MITSUBISHI-M62352P Datasheet
55Kb / 6P
8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
12-BIT I/O EXPANDER
logo
OKI electronic componet...
MSM64431 OKI-MSM64431 Datasheet
519Kb / 10P
Built-in 8-Bit A/D Converter 4-Bit Microcontroller
logo
Princeton Technology Co...
PT8300 PTC-PT8300 Datasheet
56Kb / 4P
16-Bit I/O Expander IC
logo
Mitsubishi Electric Sem...
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
12-bit I/O EXPANDER
logo
Renesas Technology Corp
R8A66150SP RENESAS-R8A66150SP Datasheet
429Kb / 8P
12-BIT I/O EXPANDER
M62376GP RENESAS-M62376GP Datasheet
150Kb / 11P
8-bit 12ch D/A Converter IC Built-in 12-bit I/O Expander
M66006P RENESAS-M66006P Datasheet
1Mb / 6P
12-BIT I/O EXPANDER
logo
Princeton Technology Co...
PT8300 PTC-PT8300_10 Datasheet
427Kb / 19P
16-Bit I/O Expander IC
logo
Texas Instruments
PCF8574A TI1-PCF8574A_15 Datasheet
1Mb / 35P
Remote 8-Bit I/O Expander
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com