Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM40G3T120B Datasheet (PDF) - MacMic

MM40G3T120B Datasheet PDF - MacMic
Part # MM40G3T120B
Download  MM40G3T120B Download
File Size   290.38 Kbytes
Page   5 Pages
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic
Description 1200V 40A IGBT

MM40G3T120B Datasheet (PDF)

Go To PDF Page Download Datasheet
MM40G3T120B Datasheet PDF - MacMic

Part # MM40G3T120B
Download  MM40G3T120B Click to download

File Size   290.38 Kbytes
Page   5 Pages
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic
Description 1200V 40A IGBT

MM40G3T120B Datasheet (HTML) - MacMic




Similar Part No. - MM40G3T120B

ManufacturerPart #DatasheetDescription
logo
MacMic
MM40G3U120B MACMIC-MM40G3U120B Datasheet
626Kb / 5P
1200V 40A IGBT
MM40G3U120BX MACMIC-MM40G3U120BX Datasheet
625Kb / 5P
1200V 40A IGBT
MM40G3U65B MACMIC-MM40G3U65B Datasheet
644Kb / 5P
650V 40A IGBT
MM40G3U65BN MACMIC-MM40G3U65BN Datasheet
372Kb / 5P
650V 40A IGBT
More results


Similar Description - MM40G3T120B

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBI40N-120 FUJI-7MBI40N-120 Datasheet
198Kb / 8P
IGBT(1200V/40A)
logo
Rohm
RGS80TSX2 ROHM-RGS80TSX2 Datasheet
926Kb / 10P
1200V 40A Field Stop Trench IGBT
RGS80TSX2D ROHM-RGS80TSX2D Datasheet
1Mb / 13P
1200V 40A Field Stop Trench IGBT
logo
MacMic
MM40G3U120B MACMIC-MM40G3U120B Datasheet
626Kb / 5P
1200V 40A IGBT
MM40G3U120BX MACMIC-MM40G3U120BX Datasheet
625Kb / 5P
1200V 40A IGBT
MMG40S120B6UC MACMIC-MMG40S120B6UC Datasheet
359Kb / 6P
1200V 40A IGBT Module
logo
Micro Commercial Compon...
MIW40N120 MCC-MIW40N120 Datasheet
2Mb / 6P
Trench and Field Stop IGBT 1200V 40A
Rev.3-1-05072020
MIW40N120FLA MCC-MIW40N120FLA Datasheet
4Mb / 7P
Trench and Field Stop IGBT 1200V 40A
Rev.3-1-02202022
logo
Rohm
RGS80TSX2DHR ROHM-RGS80TSX2DHR Datasheet
1Mb / 13P
1200V 40A Field Stop Trench IGBT
2020.09 - Rev.C
RGS80TSX2HR ROHM-RGS80TSX2HR Datasheet
902Kb / 10P
1200V 40A Field Stop Trench IGBT
2020.06 - Rev.B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com