Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC80C251SB16 Datasheet (PDF) - Intel Corporation

TC80C251SB16 Datasheet PDF - Intel Corporation
Part # TC80C251SB16
Download  TC80C251SB16 Download
File Size   428.96 Kbytes
Page   36 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description HIGH-PERFORMANCE CHMOS MICROCONTROLLER

TC80C251SB16 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC80C251SB16 Datasheet PDF - Intel Corporation

Part # TC80C251SB16
Download  TC80C251SB16 Click to download

File Size   428.96 Kbytes
Page   36 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description HIGH-PERFORMANCE CHMOS MICROCONTROLLER

TC80C251SB16 Datasheet (HTML) - Intel Corporation


TC80C251SB16 Product details

■ Real-time and Programmed Wait State Bus Operation
■ Binary-code Compatible with MCS® 51
■ Pin Compatible with 44-pin PLCC and 40-pin PDIP MCS 51 Sockets
■ Register-based MCS® 251 Architecture
   — 40-byte Register File
   — Registers Accessible as Bytes, Words, or Double Words
■ Enriched MCS 51 Instruction Set
   — 16-bit and 32-bit Arithmetic and Logic Instructions
   — Compare and Conditional Jump Instructions
   — Expanded Set of Move Instructions
■ Linear Addressing
■ 256-Kbyte Expanded External Code/Data Memory Space
■ ROM/OTPROM/EPROM Options: 16 Kbytes (SB/SQ), 8 Kbytes (SA/SP), or without
   ROM/OTPROM/EPROM
■ 16-bit Internal Code Fetch
■ 64-Kbyte Extended Stack Space
■ On-chip Data RAM Options: 1-Kbyte (SA/SB) or 512-Byte (SP/SQ)
■ 8-bit, 2-clock External Code Fetch in Page Mode
■ Fast MCS 251 Instruction Pipeline
■ User-selectable Configurations:
   — External Wait States (0-3 wait states)
   — Address Range & Memory Mapping
   — Page Mode
■ 32 Programmable I/O Lines
■ Seven Maskable Interrupt Sources with Four Programmable Priority Levels
■ Three Flexible 16-bit Timer/counters
■ Hardware Watchdog Timer
■ Programmable Counter Array
   — High-speed Output
   — Compare/Capture Operation
   — Pulse Width Modulator
   — Watchdog Timer
■ Programmable Serial I/O Port
   — Framing Error Detection
   — Automatic Address Recognition
■ High-performance CHMOS Technology
■ Static Standby to 16-MHz Operation
■ Complete System Development Support
   — Compatible with Existing Tools
   — New MCS 251 Tools Available: Compiler, Assembler, Debugger, ICE
■ Package Options (PDIP, PLCC, and Ceramic DIP)




Similar Part No. - TC80C251SB16

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TC80 CDE-TC80 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
ABB
TC80 ABB-TC80 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
logo
SHENZHEN FUMAN ELECTRON...
TC8002CS FUMAN-TC8002CS Datasheet
384Kb / 5P
3W audio power amplifier IC
TC8002D FUMAN-TC8002D Datasheet
312Kb / 5P
3W audio power amplifier IC
TC8012 FUMAN-TC8012 Datasheet
86Kb / 2P
Electronic cigarette IC
More results


Similar Description - TC80C251SB16

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251SA INTEL-8XC251SA Datasheet
440Kb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251TA INTEL-8XC251TA Datasheet
238Kb / 34P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
M80C196KB INTEL-M80C196KB Datasheet
401Kb / 30P
16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
87C151SB INTEL-87C151SB Datasheet
297Kb / 33P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
AN87C196KDF8 INTEL-AN87C196KDF8 Datasheet
242Kb / 21P
16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
N80C251TB24 INTEL-N80C251TB24 Datasheet
1Mb / 36P
TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
EE80C251TB24 INTEL-EE80C251TB24 Datasheet
1Mb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EN80C251TB24 INTEL-EN80C251TB24 Datasheet
1Mb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P80C251TB24 INTEL-P80C251TB24 Datasheet
819Kb / 36P
TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com