Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20008 Datasheet (PDF) - Maxim Integrated Products

MAX20008 Datasheet PDF - Maxim Integrated Products
Part # MAX20008
Download  MAX20008 Download
File Size   757.62 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters

MAX20008 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX20008 Datasheet PDF - Maxim Integrated Products

Part # MAX20008
Download  MAX20008 Click to download

File Size   757.62 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters

MAX20008 Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MAX20008

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20008 MAXIM-MAX20008 Datasheet
884Kb / 9P
External Frequency Synchronization (SYNC) Input
Rev 0; 5/18
MAX20008E MAXIM-MAX20008E Datasheet
749Kb / 21P
Automotive, 36V, 4A/6A/8A Integrated Step- Down Converters with Integrated Compensation
Rev 6; 7/20
MAX20008EAFOCVY MAXIM-MAX20008EAFOCVY Datasheet
749Kb / 21P
Automotive, 36V, 4A/6A/8A Integrated Step- Down Converters with Integrated Compensation
Rev 6; 7/20
MAX20008EAFODVY MAXIM-MAX20008EAFODVY Datasheet
749Kb / 21P
Automotive, 36V, 4A/6A/8A Integrated Step- Down Converters with Integrated Compensation
Rev 6; 7/20
More results


Similar Description - MAX20008

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16936 MAXIM-MAX16936 Datasheet
2Mb / 17P
36V, 220kHz to 2.2MHz Step-Down Converter with 28μA Quiescent Current
Rev 1; 4/13
MAX20002 MAXIM-MAX20002_16 Datasheet
579Kb / 19P
36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
Rev 5; 4/16
logo
Shenzhen Huazhimei Semi...
HM4103 HMSEMI-HM4103 Datasheet
896Kb / 11P
220KHz 36V 4A switch current step-down LED constant current driver
logo
Maxim Integrated Produc...
MAX20004E MAXIM-MAX20004E Datasheet
749Kb / 21P
Automotive, 36V, 4A/6A/8A Integrated Step- Down Converters with Integrated Compensation
Rev 6; 7/20
MAX20010C MAXIM-MAX20010C Datasheet
803Kb / 23P
Automotive Single 6A Step-Down Converters
Rev 6; 2/20
MAX20408 MAXIM-MAX20408 Datasheet
1Mb / 25P
Automotive 36V, 8A/10A Fully-Integrated Buck
2021
MAX16935 MAXIM-MAX16935_V01 Datasheet
1Mb / 17P
36V, 3.5A, 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16936 MAXIM-MAX16936_V01 Datasheet
1Mb / 17P
36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX20002 MAXIM-MAX20002_V01 Datasheet
669Kb / 19P
36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
2017
logo
Analog Devices
MAX42405 AD-MAX42405 Datasheet
1Mb / 18P
36V, 5A/6A Fully Integrated Synchronous Buck Converters
19-101745; Rev 0; 11/23
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com