Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX38889 Datasheet (PDF) - Maxim Integrated Products

MAX38889 Datasheet PDF - Maxim Integrated Products
Part # MAX38889
Download  MAX38889 Download
File Size   585.7 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.5V to 5.5V, 3A Reversible Buck/Boost Regulator for Backup Applications

MAX38889 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX38889 Datasheet PDF - Maxim Integrated Products

Part # MAX38889
Download  MAX38889 Click to download

File Size   585.7 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.5V to 5.5V, 3A Reversible Buck/Boost Regulator for Backup Applications

MAX38889 Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MAX38889

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38889 MAXIM-MAX38889 Datasheet
602Kb / 9P
2.5V to 5.5V System Output Voltage Range
Rev 0; 4/21
MAX38889AEVKIT MAXIM-MAX38889AEVKIT Datasheet
602Kb / 9P
2.5V to 5.5V System Output Voltage Range
Rev 0; 4/21
More results


Similar Description - MAX38889

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38501-ADJ NSC-LP38501-ADJ Datasheet
338Kb / 16P
3A FlexCap Low Dropout Linear Regulator for 2.7V to 5.5V Inputs
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
Buck-Boost Regulator
03-Aug-09
logo
SHANGHAI BELLING CO., L...
BL8529 BELLING-BL8529 Datasheet
771Kb / 5P
3A 1.5MHz 5.5V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE723A ACE-ACE723A Datasheet
643Kb / 8P
3A 1.5MHz 5.5V Synchronous Buck Converter
VER 1.3
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Linear Technology
LTM4625EY LINER-LTM4625EY Datasheet
454Kb / 8P
Tiny 3A DC/DC Inverting Buck-Boost 關Module Regulator
logo
Maxim Integrated Produc...
MAX38886 MAXIM-MAX38886 Datasheet
628Kb / 12P
2.5V to 5.0V, 0.5A/2.5A, Charge/Discharge Regulator for Supercapacitor Backup Applications
Rev 1; 8/20
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
Buck-Boost Regulator
03-Aug-09
logo
Analog Devices
MAX38890 AD-MAX38890 Datasheet
1Mb / 17P
2.5V to 5.5V, 5A Reversible Buck/Boost Regulator for Backup Applications
Rev 0; 11/22
logo
Renesas Technology Corp
RAA808013 RENESAS-RAA808013 Datasheet
2Mb / 20P
2.7V to 5.5V Input, 3A Synchronous Buck Regulator
Aug 19, 2022
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com