Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3010P Datasheet (PDF) - Vishay Siliconix

K3010P Datasheet PDF - Vishay Siliconix
Part # K3010P
Download  K3010P Download
File Size   167.37 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM

K3010P Datasheet (PDF)

Go To PDF Page Download Datasheet
K3010P Datasheet PDF - Vishay Siliconix

Part # K3010P
Download  K3010P Click to download

File Size   167.37 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM

K3010P Datasheet (HTML) - Vishay Siliconix


K3010P Product details

• 400 V blocking voltage
• Wide range of trigger current
• 100 mARMS on-state current
• Wide temperature range -55 °C to +100 °C




Similar Part No. - K3010P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K3010P VISHAY-K3010P Datasheet
145Kb / 9P
Optocoupler with Phototriac Output
13-Sep-99
K3010P VISHAY-K3010P Datasheet
147Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jun-12
K3010P-X007T VISHAY-K3010P-X007T Datasheet
147Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jun-12
K3010P.. VISHAY-K3010P.. Datasheet
147Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jun-12
K3010PG VISHAY-K3010PG Datasheet
145Kb / 9P
Optocoupler with Phototriac Output
13-Sep-99
More results


Similar Description - K3010P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
10-Jan-05
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
07-May-08
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
29-Mar-11
VO3020 VISHAY-VO3020 Datasheet
183Kb / 8P
Optocoupler, Phototriac Output, 400 VDRM
09-Sep-13
K3010P VISHAY-K3010P_12 Datasheet
147Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jun-12
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
30-Aug-16
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
17-Apr-18
BRT11 VISHAY-BRT11_V01 Datasheet
255Kb / 8P
Optocoupler, Phototriac Output, Non-Zero Crossing
14-Jul-2021
BRT21 VISHAY-BRT21_V01 Datasheet
223Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
18-Nov-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com