Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3010P Datasheet (PDF) - Vishay Siliconix

K3010P Datasheet PDF - Vishay Siliconix
Part # K3010P
Download  K3010P Download
File Size   145.97 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler with Phototriac Output

K3010P Datasheet (PDF)

Go To PDF Page Download Datasheet
K3010P Datasheet PDF - Vishay Siliconix

Part # K3010P
Download  K3010P Click to download

File Size   145.97 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler with Phototriac Output

K3010P Datasheet (HTML) - Vishay Siliconix


K3010P Product details

Description

The K3010P(G) series consists of a phototransistor optically coupled to a gallium arsenide infrared-emitting diode in a 6-lead plastic dual inline package. The elements are mounted on one leadframe using a coplanar technique, providing a fixed distance between input and output for highest safety requirements.



Features

Approvals:

• BSI: BS EN 41003, BS EN 60095 (BS 415), BS EN 60950 (BS 7002), Certificate number 7081 and 7402

• FIMKO (SETI): EN 60950, Certificate number 12398

• Underwriters Laboratory (UL) 1577 recognized, file number E-76222

• VDE 0884, Certificate number 94778



VDE 0884 related features:

• Rated impulse voltage (transient overvoltage) VIOTM = 6 kV peak

• Isolation test voltage (partial discharge test voltage) Vpd = 1.6 kV

• Rated isolation voltage (RMS includes DC) VIOWM = 600 VRMS (848 V peak)

• Rated recurring peak voltage (repetitive) VIORM = 600 VRMS

• Creepage current resistance according to VDE 0303/IEC 112

   Comparative Tracking Index: CTI = 275

• Thickness through insulation ≥ 0.75 mm



General features:

• Isolation materials according to UL 94-VO

• Pollution degree 2 (DIN/VDE 0110 resp. IEC 664)

• Climatic classification 55/100/21 (IEC 68 part 1)

• Special construction:

   Therefore, extra low coupling capacity of typical 0.2 pF, high Common Mode Rejection

• IFT offered in 3 groups

• Coupling System C



Applications

Circuits for safe protective separation against electrical shock according to safety class II (reinforced isolation):

   • For appl. class I – IV at mains voltage ≤ 300 V

   • For appl. class I – III at mains voltage ≤ 600 V according to VDE 0884, table 2, suitable for:

Monitors, air conditioners, line switches, solid state relays, microwaves.



 




Similar Part No. - K3010P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K3010P VISHAY-K3010P Datasheet
147Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jun-12
K3010P VISHAY-K3010P Datasheet
167Kb / 8P
Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
04-Nov-2020
K3010P-X007T VISHAY-K3010P-X007T Datasheet
147Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jun-12
K3010P.. VISHAY-K3010P.. Datasheet
147Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jun-12
K3010PG VISHAY-K3010PG Datasheet
147Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jun-12
More results


Similar Description - K3010P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K3020P VISHAY-K3020P Datasheet
146Kb / 9P
Optocoupler with Phototriac Output
13-Sep-99
BRT11 VISHAY-BRT11 Datasheet
354Kb / 7P
Optocoupler, Phototriac Output
26-Apr-04
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
10-Jan-05
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
07-May-08
BRT11 VISHAY-BRT11_08 Datasheet
404Kb / 8P
Optocoupler, Phototriac Output
11-Apr-05
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
29-Mar-11
VO3020 VISHAY-VO3020 Datasheet
183Kb / 8P
Optocoupler, Phototriac Output, 400 VDRM
09-Sep-13
VO3020 VISHAY-VO3020_18 Datasheet
219Kb / 8P
Optocoupler, Phototriac Output, 400 VDRM
07-Mar-18
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
17-Apr-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com