Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3010P.. Datasheet (PDF) - Vishay Siliconix

K3010P.. Datasheet PDF - Vishay Siliconix
Part # K3010P..
Download  K3010P.. Download
File Size   147.05 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, Non-Zero Crossing

K3010P.. Datasheet (PDF)

Go To PDF Page Download Datasheet
K3010P.. Datasheet PDF - Vishay Siliconix

Part # K3010P..
Download  K3010P.. Click to download

File Size   147.05 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototriac Output, Non-Zero Crossing

K3010P.. Datasheet (HTML) - Vishay Siliconix


K3010P.. Product details

• Isolation materials according to UL 94 V-0
• Special construction: therefore, extra low
coupling capacity of typical 0.2 pF, high
common mode rejection
• IFT of 5 mA, 10 mA, and 15 mA
• Rated impulse voltage (transient overvoltage)
VIOTM = 8 kVpeak
• Isolation test voltage, 5300 VRMS, t = 1 s




Similar Part No. - K3010P..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K3010P VISHAY-K3010P Datasheet
145Kb / 9P
Optocoupler with Phototriac Output
13-Sep-99
K3010P VISHAY-K3010P Datasheet
167Kb / 8P
Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
04-Nov-2020
K3010PG VISHAY-K3010PG Datasheet
145Kb / 9P
Optocoupler with Phototriac Output
13-Sep-99
More results


Similar Description - K3010P..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
10-Jan-05
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
07-May-08
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
29-Mar-11
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
30-Aug-16
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
17-Apr-18
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
04-Nov-2020
VOT8123AB VISHAY-VOT8123AB Datasheet
184Kb / 11P
Optocoupler, Phototriac Output, Non-Zero Crossing, High dV/dt, Low Input Current
29-Oct-2018
BRT11 VISHAY-BRT11_V01 Datasheet
255Kb / 8P
Optocoupler, Phototriac Output, Non-Zero Crossing
14-Jul-2021
BRT21 VISHAY-BRT21_V01 Datasheet
223Kb / 9P
Optocoupler, Phototriac Output, Zero Crossing
18-Nov-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com