Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3010P.. Datasheet(PDF) 4 Page - Vishay Siliconix

Part # K3010P..
Description  Optocoupler, Phototriac Output, Non-Zero Crossing
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K3010P.. Datasheet(HTML) 4 Page - Vishay Siliconix

  K3010P.. Datasheet HTML 1Page - Vishay Siliconix K3010P.. Datasheet HTML 2Page - Vishay Siliconix K3010P.. Datasheet HTML 3Page - Vishay Siliconix K3010P.. Datasheet HTML 4Page - Vishay Siliconix K3010P.. Datasheet HTML 5Page - Vishay Siliconix K3010P.. Datasheet HTML 6Page - Vishay Siliconix K3010P.. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
K3010P, K3010PG Series
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 01-Jun-12
4
Document Number: 83504
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• According to DIN EN60747-5-5 (see figure 4). This optocoupler is suitable for safe electrical isolation only within the safety ratings.
Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
Fig. 4 - Safety Parameter Derating Diagram
Fig. 5 - Test Pulse Diagram for Sample Test according to
DIN EN60747-5-5/DIN EN60747-; IEC 60747
SAFETY AND INSULATION RATINGS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification (according to IEC 68 part 1)
55/100/21
Pollution degree (DIN VDE 0109)
2
Comparative tracking index
CTI
175
Peak transient overvoltage
VIOTM
8000
Vpeak
Peak working insulation voltage
VIORM
890
Vpeak
Partial discharge test voltage (method a, Vpd = VIORM x 1.875)
Vpd
1669
Vpeak
Isolation resistance at Tamb = 100 °C, VDC = 500 V
RIO
1011
Ω
Isolation resistance at Tamb = 25 °C, VDC = 500 V
RIO
1012
Ω
Safety rating - power
PSO
265
mW
Safety rating - input current
ISI
130
mA
Safety rating - temperature
TSI
150
°C
Clearance distance (Standard DIP-6)
7
mm
Creepage distance (Standard DIP-6)
7
mm
Clearance distance (400 mil DIP-6)
8
mm
Creepage distance (400 mil DIP-6)
8
mm
0
50
100
150
200
250
300
0
25
50
75
100
125
150
Tamb - Ambient Temperature (°C)
P
si (mW)
I
si (mA)
t
13930
t1, t2 = 1 s to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
VIOTM
Vpd
VIOWM
VIORM
0
t1
ttest
tTr = 60 s
tstres
t3
t4
t2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com