Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3010P.. Datasheet(PDF) 3 Page - Vishay Siliconix

Part # K3010P..
Description  Optocoupler, Phototriac Output, Non-Zero Crossing
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K3010P.. Datasheet(HTML) 3 Page - Vishay Siliconix

  K3010P.. Datasheet HTML 1Page - Vishay Siliconix K3010P.. Datasheet HTML 2Page - Vishay Siliconix K3010P.. Datasheet HTML 3Page - Vishay Siliconix K3010P.. Datasheet HTML 4Page - Vishay Siliconix K3010P.. Datasheet HTML 5Page - Vishay Siliconix K3010P.. Datasheet HTML 6Page - Vishay Siliconix K3010P.. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
K3010P, K3010PG Series
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 01-Jun-12
3
Document Number: 83504
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Test Circuit for dV/dtcr and dV/dtcrq
Fig. 2
Fig. 3 - Motor Control Circuit
V~
R
S
95 10813
Test condition:
dV/dt cr
VS = 2/3 VDRM
(sine wave)
R L = 33 kΩ
dV/dt crq
Veff. = 30 V
(sine wave)
R L = 2 kΩ
I
FT
R
L
IF ≥ IFT
95 10814
dV/dt cr
Highest value of the “rate of rise of off-state voltage” which does not cause any switching from the
off state to the on state
dV/dt crq
Highest value of the “rate of rise of communicating voltage” which does not switch on the device again,
after the voltage has decreased to zero and the trigger current is switched from I FT to zero
IF = 0
dV/dt cr
dV/dt crq
M
95 10815
270
TT L
+ 5 V
0.1 µF
VAC ~
Galvanic seperation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com