Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3010P.. Datasheet(PDF) 5 Page - Vishay Siliconix

Part # K3010P..
Description  Optocoupler, Phototriac Output, Non-Zero Crossing
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K3010P.. Datasheet(HTML) 5 Page - Vishay Siliconix

  K3010P.. Datasheet HTML 1Page - Vishay Siliconix K3010P.. Datasheet HTML 2Page - Vishay Siliconix K3010P.. Datasheet HTML 3Page - Vishay Siliconix K3010P.. Datasheet HTML 4Page - Vishay Siliconix K3010P.. Datasheet HTML 5Page - Vishay Siliconix K3010P.. Datasheet HTML 6Page - Vishay Siliconix K3010P.. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
K3010P, K3010PG Series
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 01-Jun-12
5
Document Number: 83504
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 6 - Total Power Dissipation vs. Ambient Temperature
Fig. 7 - Forward Current vs. Forward Voltage
Fig. 8 - Relative Threshold Forward Current vs.
Ambient Temperature
Fig. 9 - Relative On-State vs. Ambient Temperature
Fig. 10 - Off-State Current vs. Ambient Temperature
Fig. 11 - Collector Current vs. Forward Current
0
100
200
300
400
Phototransistor
I
R-diode
Coupled device
020
40
60
80
100
T
amb - Ambient Temperature (°C)
9611701
0.1
1
10
100
1000
0
VF - Forward Voltage (V)
96 11862
1.6
1.2
0.8
0.4
2.0
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
- 30 - 20 - 10 0
20 30 40 50 60 70 80
10
Tamb - Ambient Temperature (°C)
96 11922
V
S = 3 V
R
L = 150 Ω
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
- 30 - 20 - 10 0
20 30 40 50 60 70 80
10
Tamb - Ambient Temperature (°C)
96 11923
I
F
I FT
I
T = 100 mA
=
1
10
100
20
30
40
50
60
70
80
90
100
Tamb - Ambient Temperature (°C)
96 11924
VDR = 100 V
IF = 0
- 250
- 200
- 150
- 100
- 50
0
50
100
150
200
250
- 2.5 - 2.0 - 1.5 - 1.0 - 0.5 0.0 0.5 1.0 1.5 2.0 2.5
V
TM - On-State Voltage (V)
96 11925
I
FT = 15 mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com