Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC931 Datasheet (PDF) - Vishay Siliconix

SIC931 Datasheet PDF - Vishay Siliconix
Part # SIC931
Download  SIC931 Download
File Size   3521.45 Kbytes
Page   22 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4.5 V to 18 V Input, 20 A microBRICK® DC/DC Regulator Module

SIC931 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIC931 Datasheet PDF - Vishay Siliconix

Part # SIC931
Download  SIC931 Click to download

File Size   3521.45 Kbytes
Page   22 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4.5 V to 18 V Input, 20 A microBRICK® DC/DC Regulator Module

SIC931 Datasheet (HTML) - Vishay Siliconix


SIC931 Product details

• Versatile
- Operation from 4.5 V to 18 V input voltage
- Adjustable output voltage down to 0.6 V
- Output voltage tracking and sequencing with
pre-bias start up
- ± 1 % output voltage accuracy from -40 °C to +125 °C
• Highly efficient
- 95 % peak efficiency
- 1 μA supply current at shutdown
- 50 μA operating current, not switching
• Highly configurable
- Four programmable switching frequencies available:
600 kHz, 1 MHz, 1.5 MHz, and 2 MHz
- Adjustable soft start and adjustable current limit
- Programmable modes of operation: forced continuous
conduction or power save mode
• Robust and reliable
- Cycle-by-cycle current limit
- Output overvoltage protection
- Output undervoltage / short circuit protection with auto
retry
-Power good flag and over temperature protection
• High power density
- Integration of high current output inductor
- 10.6 mm x 6.5 mm x 3 mm low profile MLP package
• Ease of use
- Minimum peripheral components
- All ceramic capacitors for input and output




Similar Part No. - SIC931

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC931 VISHAY-SIC931 Datasheet
3Mb / 22P
4.5 V to 18 V Input, 20 A microBRICK® DC/DC Regulator Module
01-Mar-2021
SIC931BED-T1-GE3 VISHAY-SIC931BED-T1-GE3 Datasheet
3Mb / 22P
4.5 V to 18 V Input, 20 A microBRICK® DC/DC Regulator Module
01-Mar-2021
SIC931BED-Y1-GE3 VISHAY-SIC931BED-Y1-GE3 Datasheet
3Mb / 22P
4.5 V to 18 V Input, 20 A microBRICK® DC/DC Regulator Module
01-Mar-2021
SIC931 VISHAY-SIC931_V01 Datasheet
3Mb / 22P
4.5 V to 18 V Input, 20 A microBRICK® DC/DC Regulator Module
01-Mar-2021
More results


Similar Description - SIC931

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65287 TI1-TPS65287 Datasheet
2Mb / 35P
4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter
TPS54361 TI1-TPS54361_16 Datasheet
2Mb / 51P
4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPS54561 TI1-TPS54561_16 Datasheet
2Mb / 53P
4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter
TPS568230 TI1-TPS568230 Datasheet
1Mb / 31P
4.5-V to 18-V input, 8-A synchronous step-down voltage regulator
logo
Vishay Siliconix
SIC931 VISHAY-SIC931_V01 Datasheet
3Mb / 22P
4.5 V to 18 V Input, 20 A microBRICK® DC/DC Regulator Module
01-Mar-2021
SIC450 VISHAY-SIC450_V01 Datasheet
1Mb / 48P
4.5 V to 20 V Input, 15 A, 25 A, 40 A microBuck® DC/DC Converter With PMBus Interface
08-Mar-2021
SIC474 VISHAY-SIC474 Datasheet
779Kb / 26P
4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
04-Jul-2018
SIC479 VISHAY-SIC479 Datasheet
947Kb / 24P
4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
06-Dec-2021
SIC967 VISHAY-SIC967 Datasheet
883Kb / 20P
4.5 V to 60 V Input, 6 A, microBRICKTM DC/DC Converter
18-Jul-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com