Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8316 Datasheet (PDF) - Analog Devices

AD8316 Datasheet PDF - Analog Devices
Part # AD8316
Download  AD8316 Download
File Size   497.97 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Output GSM PA Controller

AD8316 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8316 Datasheet PDF - Analog Devices

Part # AD8316
Download  AD8316 Click to download

File Size   497.97 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Output GSM PA Controller

AD8316 Datasheet (HTML) - Analog Devices


AD8316 Product details

GENERAL DESCRIPTION
The AD8316 is a complete, low cost subsystem for the precise control of dual RF power amplifiers (PAs) operating in the frequency range 0.1 GHz to 2.5 GHz and over a typical dynamic range of 50 dB. The device is a dual-output version of the AD8315 and intended for use in dual-band or triband cellular handsets and other battery-operated wireless devices where a separate power control signal is required for each band. The logarithmic amplifier technique provides a much wider measurement range and better accuracy than is possible using controllers based on diode detectors. In particular, multiband and multimode cellular designs can benefit from the temperature-stable (–30°C to +85°C) operation over all cellular telephony frequencies.

FEATURES
    Complete RF Detector/Controller Function
    Selectable Dual Outputs
    49 dB Range at 0.9 GHz (–47.6 dBm to +1.5 dBm re 50 Ω)
    Accurate Scaling from 0.1 GHz to 2.5 GHz
    Temperature-Stable Linear-in-dB Response
    Log Slope of 22 mV/dB
    True Integration Function in Control Loop
    Low Power: 23 mW at 2.7 V
    Power-Down to 11 μW

APPLICATIONS
    Single-Band, Dual-Band, and Triband Mobile Handsets (GSM, DCS, PCS, EDGE)
    Wireless Terminal Devices
    Transmitter Power Control




Similar Part No. - AD8316

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD831 AD-AD831 Datasheet
225Kb / 16P
Low Distortion Mixer
REV.B
AD831 AD-AD831 Datasheet
436Kb / 16P
Low Distortion Mixer
REV. C
AD8310 AD-AD8310 Datasheet
606Kb / 24P
Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
10/04-Data Sheet Changed from Rev. C to Rev. D
AD8310 AD-AD8310 Datasheet
530Kb / 24P
Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
6/05-Rev. D to Rev. E
AD8310 AD-AD8310 Datasheet
426Kb / 24P
Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. F
More results


Similar Description - AD8316

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV248 NSC-LMV248 Datasheet
289Kb / 11P
Dual Band GSM Power Controller
logo
Analog Devices
AD8315 AD-AD8315 Datasheet
1Mb / 20P
50 dB GSM PA Controller
1/03-Data Sheet changed from REV. 0 to REV. B.
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Analog Devices
AD8311 AD-AD8311 Datasheet
734Kb / 24P
50 dB GSM PA Controller
6/05-Revision 0
AD8315 AD-AD8315_06 Datasheet
552Kb / 24P
50 dB GSM PA Controller
6/06-Rev. B to Rev. C
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
GSM Telemetry Controller
logo
Analog Devices
AD8311 AD-AD8311_15 Datasheet
505Kb / 24P
50 dB GSM PA Controller
REV. A
AD8315 AD-AD8315_15 Datasheet
553Kb / 24P
50 dB GSM PA Controller
REV. C
logo
Texas Instruments
LMV242 TI-LMV242_15 Datasheet
1,009Kb / 25P
LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Analog Devices
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
50 dB GSM PA Controller
Aug-2016
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com