Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8311 Datasheet (PDF) - Analog Devices

AD8311 Datasheet PDF - Analog Devices
Part # AD8311
Download  AD8311 Download
File Size   734.18 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 50 dB GSM PA Controller

AD8311 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8311 Datasheet PDF - Analog Devices

Part # AD8311
Download  AD8311 Click to download

File Size   734.18 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 50 dB GSM PA Controller

AD8311 Datasheet (HTML) - Analog Devices


AD8311 Product details

GENERAL DESCRIPTION
The AD8311 is a complete low cost subsystem for the precise control of RF power amplifiers operating in the frequency range 0.1 GHz to 2.5 GHz and over a typical dynamic range of 50 dB. It is intended for use in cellular handsets and other batteryoperated wireless devices. The log amp technique provides a much wider measurement range and better accuracy than controllers using diode detectors. In particular, its temperature stability is excellent over a specified range of −40°C to +85°C.

FEATURES
   Complete RF detector/controller function
   >50 dB range at 0.9 GHz (−48 dBm to +3 dBm re 50 Ω)
   Accurate scaling from 0.1 GHz to 2.5 GHz
   Temperature-stable linear-in-dB response
   Log slope of 23 mV/dB, intercept at −60 dBm at 0.9 GHz
   True integration function in control loop
   Low power: 20 mW at 2.7 V

APPLICATIONS
   Single, dual, and triple band mobile handset (GSM, DCS, EDGE)
   Transmitter power control




Similar Part No. - AD8311

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8311 AD-AD8311 Datasheet
395Kb / 6P
Tape and Reel Packaging
AD8311 AD-AD8311 Datasheet
504Kb / 24P
50 dB GSM PA Controller
Rev. A
AD8311-EVAL AD-AD8311-EVAL Datasheet
504Kb / 24P
50 dB GSM PA Controller
Rev. A
AD8311ACBZ-P2 AD-AD8311ACBZ-P2 Datasheet
504Kb / 24P
50 dB GSM PA Controller
Rev. A
AD8311ACBZ-P7 AD-AD8311ACBZ-P7 Datasheet
504Kb / 24P
50 dB GSM PA Controller
Rev. A
More results


Similar Description - AD8311

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8315 AD-AD8315 Datasheet
1Mb / 20P
50 dB GSM PA Controller
1/03-Data Sheet changed from REV. 0 to REV. B.
logo
Fairchild Semiconductor
RMPA1852 FAIRCHILD-RMPA1852 Datasheet
464Kb / 11P
Quad-Band GSM/EDGE PA Module
logo
Analog Devices
AD8316 AD-AD8316 Datasheet
497Kb / 20P
Dual Output GSM PA Controller
1/04-Data Sheet changed from REV. B to REV. C.
AD8315 AD-AD8315_06 Datasheet
552Kb / 24P
50 dB GSM PA Controller
6/06-Rev. B to Rev. C
logo
Skyworks Solutions Inc.
SKY77340 SKYWORKS-SKY77340 Datasheet
537Kb / 27P
PA Module for Quad-Band GSM / EDGE
SKY77344 SKYWORKS-SKY77344 Datasheet
71Kb / 2P
PA Module for Quad-Band GSM / EDGE
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
GSM Telemetry Controller
logo
Analog Devices
AD8311 AD-AD8311_15 Datasheet
505Kb / 24P
50 dB GSM PA Controller
REV. A
AD8315 AD-AD8315_15 Datasheet
553Kb / 24P
50 dB GSM PA Controller
REV. C
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
50 dB GSM PA Controller
Aug-2016
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com