Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8311 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8311
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8311 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8311 Datasheet HTML 5Page - Analog Devices AD8311 Datasheet HTML 6Page - Analog Devices AD8311 Datasheet HTML 7Page - Analog Devices AD8311 Datasheet HTML 8Page - Analog Devices AD8311 Datasheet HTML 9Page - Analog Devices AD8311 Datasheet HTML 10Page - Analog Devices AD8311 Datasheet HTML 11Page - Analog Devices AD8311 Datasheet HTML 12Page - Analog Devices AD8311 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8311
Rev. 0 | Page 9 of 24
GND
GND
200mV PER
VERTICAL
DIVISION
VAPC
1V PER
VERTICAL
DIVISION
2
µs PER
HORIZONTAL
DIVISION
VPOS
Figure 15. Power-On and -Off Response with VSET Grounded
TEK TDS694C
SCOPE
TRIG
TEK P6205
FET PROBE
VPOS
VAPC
VSET
RFIN
COMM
FLTR
AD8311
1
2
3
4
5
6
220pF
52.3
Ω
STANFORD DS345
PULSE
GENERATOR
PULSE OUT
TRIG
OUT
R AND S SMT03
SIGNAL
GENERATOR
RF OUT
10MHz REF
OUTPUT
EXT TRIG
AD811
TEK P6205
FET PROBE
49.9
Ω
732
Ω
Figure 16. Test Setup for Power-On and -Off Response with VSET Grounded
FREQUENCY (Hz)
45
10
35
25
15
5
–5
–15
–25
–35
100
1k
10k
100k
1M
10M
0
–20
–40
–60
–80
–100
–120
40
20
0
–20
30
10
–10
–30
–40
–10
–30
–50
–70
–90
–110
–130
CFLT = 220pF
CFLT = 0pF
Figure 17. AC Response from VSET to VAPC
GND
GND
1V PER
VERTICAL
DIVISION
VAPC
RF
INPUT
PULSED RF
0.1GHz, 0dBm 100ns PER
HORIZONTAL
DIVISION
Figure 18. VAPC Response Time, Full-Scale Amplitude Change, Open-Loop
VPOS
VAPC
VSET
RFIN
COMM
FLTR
AD8311
1
2
3
4
5
6
2.7V
0.1
µF
TEK P6205
FET PROBE
TEK TDS694C
SCOPE
TRIG
PICOSECOND
PULSE LABS
PULSE
GENERATOR
TRIG
OUT
R AND S SMT03
SIGNAL
GENERATOR
PULSE
MODULATION
MODE
10MHz REF
OUTPUT
EXT TRIG
PULSE MODE IN
OUT
RF OUT
–3dB
–3dB
0.3V
RF
SPLITTER
52.3
Ω
NC
NC = NO CONNECT
Figure 19. Test Setup for VAPC Response Time
10k
10
100
10M
FREQUENCY (Hz)
100
1k
1k
10k
100k
1M
–35dBm
0dBm
–20dBm
–10dBm
–30dBm
–38dBm
–40dBm
–50dBm
CFLT = 220pF, RF INPUT = 2GHz
Figure 20. VAPC Noise Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com