Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8311 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8311
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8311 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8311 Datasheet HTML 16Page - Analog Devices AD8311 Datasheet HTML 17Page - Analog Devices AD8311 Datasheet HTML 18Page - Analog Devices AD8311 Datasheet HTML 19Page - Analog Devices AD8311 Datasheet HTML 20Page - Analog Devices AD8311 Datasheet HTML 21Page - Analog Devices AD8311 Datasheet HTML 22Page - Analog Devices AD8311 Datasheet HTML 23Page - Analog Devices AD8311 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD8311
Rev. 0 | Page 22 of 24
OUTLINE DIMENSIONS
0.50 BSC
1.00
BSC
1.50
1.45
1.40
1.00
0.95
0.90
SEATING
PLANE
0.675
0.595
0.515
0.075
COPLANARITY
0.380
0.355
0.330
0.345
0.295
0.245
0.270
0.240
0.210
A1 BALL
CORNER
0.50
BSC
1
A
B
2
3
TOP VIEW
(BUMP SIDE DOWN)
BOTTOM VIEW
(BUMP SIDE UP)
Figure 46. 6-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
Package Description
Package
Option
Branding
Ordering
Quantity
AD8311ACBZ-P71
–40°C to +85°C
6-Ball Wafer Level Chip Scale Package [WLCSP],
7” Pocket Tape and Reel
CB-6
Q04
3000
AD8311ACBZ-P21
–40°C to +85°C
6-Ball Wafer Level Chip Scale Package [WLCSP],
7” Pocket Tape and Reel
CB-6
Q04
250
AD8311-EVAL
Evaluation Board
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com