Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8311 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8311
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8311 Datasheet(HTML) 1 Page - Analog Devices

  AD8311 Datasheet HTML 1Page - Analog Devices AD8311 Datasheet HTML 2Page - Analog Devices AD8311 Datasheet HTML 3Page - Analog Devices AD8311 Datasheet HTML 4Page - Analog Devices AD8311 Datasheet HTML 5Page - Analog Devices AD8311 Datasheet HTML 6Page - Analog Devices AD8311 Datasheet HTML 7Page - Analog Devices AD8311 Datasheet HTML 8Page - Analog Devices AD8311 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
50 dB GSM PA Controller
AD8311
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Complete RF detector/controller function
>50 dB range at 0.9 GHz (−48 dBm to +3 dBm re 50 Ω)
Accurate scaling from 0.1 GHz to 2.5 GHz
Temperature-stable linear-in-dB response
Log slope of 23 mV/dB, intercept at −60 dBm at 0.9 GHz
True integration function in control loop
Low power: 20 mW at 2.7 V
APPLICATIONS
Single, dual, and triple band mobile handset (GSM, DCS,
EDGE)
Transmitter power control
GENERAL DESCRIPTION
The AD8311 is a complete low cost subsystem for the precise
control of RF power amplifiers operating in the frequency range
0.1 GHz to 2.5 GHz and over a typical dynamic range of 50 dB.
It is intended for use in cellular handsets and other battery-
operated wireless devices. The log amp technique provides a
much wider measurement range and better accuracy than
controllers using diode detectors. In particular, its temperature
stability is excellent over a specified range of −40°C to +85°C.
Its high sensitivity allows control at low signal levels, thus
reducing the amount of power that needs to be coupled to the
detector. For convenience, the signal is internally ac-coupled.
This high-pass coupling, with a corner at approximately
0.016 GHz, determines the lowest operating frequency. Thus,
the source can be dc-grounded.
The AD8311 provides a voltage output, VAPC, which has the
voltage range and current drive to directly connect to the gain
control pin of most handset power amplifiers. VAPC can swing
from 300 mV above ground to within 200 mV below the supply
voltage. Load currents of up to 6 mA can be supported.
The setpoint control input is applied to pin VSET and has an
operating range of 0.25 V to 1.4 V. The associated circuit
determines the slope and intercept of the linear-in-dB
measurement system; these are nominally 23.6 mV/dB and
−59.7 dBm at 0.9 GHz. Further simplifying the application of
the AD8311, the input resistance of the setpoint interface is over
35 MΩ, and the bias current is typically 0.26 µA.
The AD8311 is available in a 6-ball wafer-level chip scale
package (WLCSP), 1.0 mm × 1.5 mm, and consumes 7.6 mA
from a 2.7 V to 5.5 V supply.
FUNCTIONAL BLOCK DIAGRAM
10dB
OFFSET
COMPENSATION
INTERCEPT
POSITIONING
10dB
10dB
10dB
DET
DET
DET
DET
DET
RFIN
⋅ 1.35
HI-Z
LOW NOISE
RAIL-TO-RAIL BUFFER
VSET
23mV/dB
250mV TO
1.4V = 50dB
FLTR
VAPC
LOW NOISE
BAND GAP
REFERENCE
LOW NOISE
GAIN BIAS
COMM
VPOS
V
I
Figure 1.


Similar Part No. - AD8311

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8311 AD-AD8311 Datasheet
395Kb / 6P
Tape and Reel Packaging
AD8311 AD-AD8311 Datasheet
504Kb / 24P
50 dB GSM PA Controller
Rev. A
AD8311-EVAL AD-AD8311-EVAL Datasheet
504Kb / 24P
50 dB GSM PA Controller
Rev. A
AD8311ACBZ-P2 AD-AD8311ACBZ-P2 Datasheet
504Kb / 24P
50 dB GSM PA Controller
Rev. A
AD8311ACBZ-P7 AD-AD8311ACBZ-P7 Datasheet
504Kb / 24P
50 dB GSM PA Controller
Rev. A
More results

Similar Description - AD8311

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8315 AD-AD8315 Datasheet
1Mb / 20P
50 dB GSM PA Controller
1/03-Data Sheet changed from REV. 0 to REV. B.
logo
Fairchild Semiconductor
RMPA1852 FAIRCHILD-RMPA1852 Datasheet
464Kb / 11P
Quad-Band GSM/EDGE PA Module
logo
Analog Devices
AD8316 AD-AD8316 Datasheet
497Kb / 20P
Dual Output GSM PA Controller
1/04-Data Sheet changed from REV. B to REV. C.
AD8315 AD-AD8315_06 Datasheet
552Kb / 24P
50 dB GSM PA Controller
6/06-Rev. B to Rev. C
logo
Skyworks Solutions Inc.
SKY77340 SKYWORKS-SKY77340 Datasheet
537Kb / 27P
PA Module for Quad-Band GSM / EDGE
SKY77344 SKYWORKS-SKY77344 Datasheet
71Kb / 2P
PA Module for Quad-Band GSM / EDGE
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
GSM Telemetry Controller
logo
Analog Devices
AD8311 AD-AD8311_15 Datasheet
505Kb / 24P
50 dB GSM PA Controller
REV. A
AD8315 AD-AD8315_15 Datasheet
553Kb / 24P
50 dB GSM PA Controller
REV. C
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
50 dB GSM PA Controller
Aug-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com