Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8311 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8311
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8311 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8311 Datasheet HTML 8Page - Analog Devices AD8311 Datasheet HTML 9Page - Analog Devices AD8311 Datasheet HTML 10Page - Analog Devices AD8311 Datasheet HTML 11Page - Analog Devices AD8311 Datasheet HTML 12Page - Analog Devices AD8311 Datasheet HTML 13Page - Analog Devices AD8311 Datasheet HTML 14Page - Analog Devices AD8311 Datasheet HTML 15Page - Analog Devices AD8311 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8311
Rev. 0 | Page 12 of 24
The intercept need not correspond to a physically realizable
part of the signal range for the log amp. Thus, the specified
intercept is −58.9 dBm at 0.1 GHz, whereas the smallest input
for accurate measurement (a +1 dB error) at this frequency is
higher, about −44.5 dBm. At 2.5 GHz, the +1 dB error point
shifts to −47.7 dBm. This positioning of the intercept is
deliberate and ensures that the VSET voltage is within the
capabilities of certain digital-to-analog converters (DACs),
whose outputs cannot swing below 200 mV. Figure 26 shows the
100 MHz response of the AD8311; the vertical axis represents
not the output (at the VAPC pin) but the value required at the
power control pin (VSET) to null the control loop. This is
explained in the Controller-Mode Log Amps section.
1.5
0
100
µV
–67dBm
1V (RMS)
13dBm (RE 50
Ω)
VIN, PIN
1mV
–47dBm
10mV
–27dBm
100mV
–7dBm
1.0
0.5
SLOPE = 23.8mV/dB
1.211V @ –8dBm
IDEAL
448mV @ –40dBm
ACTUAL
–58.9dBm
Figure 26. Basic Calibration of the AD8311 at 0.1 GHz
CONTROLLER-MODE LOG AMPS
The AD8311 combines the two key functions required for the
measurement and control of the power level over a moderately
wide dynamic range. First, it provides the amplification needed
to respond to small signals in a chain of four amplifier/limiter
cells (see Figure 25), each having a small signal gain of 10 dB
and a bandwidth of approximately 3.5 GHz. At the output of
each of these amplifier stages is a full-wave rectifier, essentially a
square law detector cell that converts the RF signal voltages to a
fluctuating current having an average value that increases with
signal level. A further passive detector stage is added before the
first stage. These five detectors are separated by 10 dB, spanning
some 50 dB of dynamic range. Their outputs are each in the
form of a differential current, making summation a simple
matter. It is readily shown that the summed output can closely
approximate a logarithmic function. The log conformance
error, which is the overall accuracy at the extremes of this total
range viewed as the deviation from an ideal logarithmic
response, can be judged by reference to Figure 6, which shows
that errors across the central 40 dB are moderate.
In a device intended for measurement applications, this current
would then be converted to an equivalent voltage, to provide the
log(VIN) function shown in Equation 1. However, the design of
the AD8311 differs from standard practice in that its output
needs to be a low noise control voltage for an RF power
amplifier, not a direct measure of the input level. Further, it is
highly desirable that this voltage be proportional to the time-
integral of the error between the actual input VIN and a dc
voltage VSET (applied to Pin 3, VSET). VSET defines the setpoint,
a target value for the power level typically generated by a DAC.
This is achieved by converting the difference between the sum
of the detector outputs (still in current form) and an internally
generated current proportional to VSET to a single-sided
current-mode signal. This, in turn, is converted to a voltage (at
Pin 4, FLTR, the low-pass filter capacitor node) to provide a
close approximation to an exact integration of the error
between the power present in the termination at the input of the
AD8311 and the setpoint voltage. Finally, the voltage developed
across the ground-referenced filter capacitor CFLT is buffered by
a special low noise amplifier of low voltage gain (×1.35) and
presented at Pin 2 (VAPC) for use as the control voltage for the
RF power amplifier. This buffer can provide rail-to-rail swings
and can drive a substantial load current, including large
capacitors. Note that the RF power amplifier is assumed to have
a positive slope with RF power increasing monotonically with
an increasing APC control voltage.
CONTROL LOOP DYNAMICS
In order to understand how the AD8311 behaves in a complete
control loop, an expression for the current in the integration
capacitor as a function of the input PIN and the setpoint voltage
VSET must be developed. Refer to Figure 27.
RF PA
DIRECTIONAL
COUPLER
POUT
PCW
RF DRIVE:
UP TO
2.5GHz
SETPOINT
INTERFACE
LOGARITHMIC
RF DETECTION
SUBSYSTEM
3
6
VSET
RFIN
4
CFLT
FLTR
2
VAPC
ISET = VSET/RSET
IDET
IERR
IDET = ISLP PIN + IINT
VSET
VIN
1.35
Figure 27. Behavioral Model of the AD8311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com